Electronic Components Datasheet Search
  English  ▼

X  

FS32K142HAT0VLHT Datasheet(PDF) 80 Page - NXP Semiconductors

Part # FS32K142HAT0VLHT
Description  Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142HAT0VLHT Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button FS32K142HAT0VLHT Datasheet HTML 76Page - NXP Semiconductors FS32K142HAT0VLHT Datasheet HTML 77Page - NXP Semiconductors FS32K142HAT0VLHT Datasheet HTML 78Page - NXP Semiconductors FS32K142HAT0VLHT Datasheet HTML 79Page - NXP Semiconductors FS32K142HAT0VLHT Datasheet HTML 80Page - NXP Semiconductors FS32K142HAT0VLHT Datasheet HTML 81Page - NXP Semiconductors FS32K142HAT0VLHT Datasheet HTML 82Page - NXP Semiconductors FS32K142HAT0VLHT Datasheet HTML 83Page - NXP Semiconductors FS32K142HAT0VLHT Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
Table 53. ETM Trace specifications
Symbol
Description
RUN Mode
HSRUN Mode
VLPR
Mode
Unit
—
Fsys
System frequency
80
48
40
112
80
4
MHz
fTRACE
Max Trace frequency
80
48
40
74.667
80
4
MHz
tDVO
Data Output Valid
4
4
4
4
4
20
ns
tDIV
Data Output Invalid
-2
-2
-2
-2
-2
-10
ns
fTRACE
Max Trace frequency
22.86
24
20
22.4
22.86
4
MHz
tDVO
Data Output Valid
8
8
8
8
8
20
ns
tDIV
Data Output Invalid
-4
-4
-4
-4
-4
-10
ns
Figure 32. TRACE CLKOUT specifications
6.6.3 JTAG electrical specifications
Debug modules
S32K1xx Data Sheet, Rev. 13, 04/2020
80
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com