Electronic Components Datasheet Search
  English  ▼

X  

LDEDB2560 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # LDEDB2560
Description  PEN-PET H.T
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LDEDB2560 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  LDEDB2560 Datasheet HTML 1Page - List of Unclassifed Manufacturers LDEDB2560 Datasheet HTML 2Page - List of Unclassifed Manufacturers LDEDB2560 Datasheet HTML 3Page - List of Unclassifed Manufacturers LDEDB2560 Datasheet HTML 4Page - List of Unclassifed Manufacturers LDEDB2560 Datasheet HTML 5Page - List of Unclassifed Manufacturers LDEDB2560 Datasheet HTML 6Page - List of Unclassifed Manufacturers LDEDB2560 Datasheet HTML 7Page - List of Unclassifed Manufacturers LDEDB2560 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAX. VOLTAGE (Vr.m.s.) AND CURRENT (Ir.m.s.) VERSUS FREQUENCY
(sinusoidal wave-form / *Th
≤ 85°C)
Measure carried out in free air condition.
Note: *Th = max. ambient temperature surrounding the capacitor or hottest contact point
=
(i.e. tracks), whichever is higher, in the worst operation conditions in
°C.
LDE Series
PEN -- PET H.T.
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com