Electronic Components Datasheet Search
  English  ▼

X  

9540 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9540
Description  RS232, #24-10c, SR-PVC, O/A Foil, PVC Jkt, CMG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9540 Datasheet(HTML) 1 Page - Belden Inc.

  9540 Datasheet HTML 1Page - Belden Inc. 9540 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9540
RS232, #24-10c, SR-PVC, O/A Foil, PVC Jkt, CMG
Product Description
Computer EIA RS-232 Cable, 24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, overall Beldfoil® shield (100% coverage), 24
AWG stranded tinned copper drain wire, PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Applications; Computer Communications; Low Voltage Analog Signals (4-20mA, 0-10V, ...); Low Voltage Digital Control (24V, …); Line Level Audio; Panel Wiring
Construction Details
Conductor
Element
Number of Element AWG Stranding
Material
Conductor(s) 10
24
7x32
TC - Tinned Copper
Insulation
Element
Material
Thickness [in.]
Color Code
Conductor(s) SR-PVC - Polyvinyl Chloride (Semi-Rigid) 0.011
Black, White, Red, Green, Brown, Blue, Orange, Yellow, Purple, Gray
Outer Shield Material
Shield Type
Material
Coverage
Drainwire Type
Tape
Alum / Poly 100%
24 AWG (7x32) TC
Outer Jacket Material
Material
Thickness Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in
0.244 in
Cable Diameter (Nominal):
0.244 in
Electrical Characteristics
Electricals
Element
Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield)
Max. Current
Conductor(s) 25 Ohm/1000ft
30 pF/ft
55 pF/ft
1.5 Amps per Conductor at 25ºC
Nom Outer Shield DCR:
18 Ohm/1000ft
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Rating
Operating
60°C (UL CMG);80°C (UL AWM 2464) -30°C to +80°C
Bend Radius
Stationary Min. Installation Min.


Similar Part No. - 9540

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9540 ETC2-9540 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
logo
Keystone Electronics Co...
9540 KEYSTONE-9540 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
List of Unclassifed Man...
95400601000 ETC2-95400601000 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9540060500 ETC2-9540060500 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
9540060U1000 ETC2-9540060U1000 Datasheet
33Kb / 3P
Computer Cable for EIA RS-232 Applications
More results

Similar Description - 9540

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9539 BELDEN-9539 Datasheet
236Kb / 2P
RS232, #24-9c, SR-PVC, O/A Foil, PVC Jkt, CMG
9537 BELDEN-9537 Datasheet
200Kb / 2P
RS232, #24-7c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9546 BELDEN-9546 Datasheet
217Kb / 2P
RS232, #24-50c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9609 BELDEN-9609 Datasheet
160Kb / 2P
RS232, #24-4c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9615 BELDEN-9615 Datasheet
163Kb / 2P
RS232, #24-10c, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
05-05-2023
9542 BELDEN-9542 Datasheet
162Kb / 2P
RS232, #24-20c, SR-PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9544 BELDEN-9544 Datasheet
162Kb / 2P
RS232, #24-30c, SR-PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9545 BELDEN-9545 Datasheet
216Kb / 2P
RS232, #24-40c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9541 BELDEN-9541 Datasheet
163Kb / 2P
RS232, #24-15c, SR-PVC, O/A Foil, PVC Jkt, CMG
01-20-2023
9538 BELDEN-9538 Datasheet
206Kb / 2P
RS232, #24-8c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com