Electronic Components Datasheet Search
  English  ▼

X  

9913 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9913
Description  50 Ohm Wireless Transmission Coax, RG-8
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9913 Datasheet(HTML) 1 Page - Belden Inc.

  9913 Datasheet HTML 1Page - Belden Inc. 9913 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9913
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil + 90%
TC Braid, PVC Jkt
Product Description
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid Bare Copper Conductor , PE Insulation, Foil + 90% Tinned Copper Braid Shield, PVC Jacket
Technical Specifications
Product Overview
Suitable Applications:
Point-to-point and point-to-multipoint wireless antenna communication; Wireless microphones, Two-Way Radios, Amateur (Ham) Radio, Low Power FM, GPS, RFID (Radio
Frequency Identification)
Construction Details
RG Type:
8
Conductor
AWG Stranding Nom. Diameter
Material
10
Solid
0.108 in
BC - Bare Copper
Insulation
Material
Nom. Diameter
Notes
PE - Polyethylene (Semi-Solid) 0.285
Solid PE monofilament spiral around conductor. Solid PE tube over monofilament
Outer Shield Material
Layer Outer Shield Type
Material
Coverage
1
Tape
Tri-Laminate (Alum+Poly+Alum) 100%
2
Braid
Tinned Copper (TC)
90%
Outer Jacket Material
Material
Nom. Diameter
PVC - Polyvinyl Chloride 0.405 in
Electrical Characteristics
Attenuation
Frequency Nom. Attenuation [dB/100ft]
5 MHz
0.4 dB/100ft
10 MHz
0.5 dB/100ft
50 MHz
1.0 dB/100ft
100 MHz
1.4 dB/100ft
200 MHz
1.8 dB/100ft
400 MHz
2.6 dB/100ft
700 MHz
3.6 dB/100ft
900 MHz
4.1 dB/100ft
1000 MHz
4.4 dB/100ft
Power Rating
Frequency [MHz] Max. Power Rating [W]
5 MHz
4,021 W
10 MHz
3,217 W


Similar Part No. - 9913

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9913 ETC2-9913 Datasheet
30Kb / 3P
RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
logo
Belden Inc.
9913-0400-01 BELDEN-9913-0400-01 Datasheet
168Kb / 2P
Belden Solid Filler Panels
02-03-2025
9913-0400-02 BELDEN-9913-0400-02 Datasheet
168Kb / 2P
Belden Solid Filler Panels
02-03-2025
logo
List of Unclassifed Man...
9913010100 ETC2-9913010100 Datasheet
30Kb / 3P
RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
99130101000 ETC2-99130101000 Datasheet
30Kb / 3P
RG-8/U type, 10 AWG solid .108 bare copper conductor, semi-solid polyethylene insulation
More results

Similar Description - 9913

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
50CX-41 ETC2-50CX-41 Datasheet
67Kb / 1P
30 AWG, 50 Ohm Coax
50CX-42 ETC2-50CX-42 Datasheet
67Kb / 1P
26 AWG, 50 Ohm Coax
83242 ETC2-83242 Datasheet
104Kb / 4P
Coax - 50 Ohm Coax
8262 ETC2-8262 Datasheet
103Kb / 4P
Coax - 50 Ohm Coax
1347494 ETC2-1347494 Datasheet
246Kb / 5P
50 Ohm Transmission and Computer Cable
logo
Belden Inc.
7810A BELDEN-7810A Datasheet
233Kb / 2P
50 Ohm Wireless Transmission Coax, RF 400, RG8
8216 BELDEN-8216 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-174
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com