Electronic Components Datasheet Search
  English  ▼

X  

DTW Datasheet(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

Part # DTW
Description  Power Supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

DTW Datasheet(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  DTW Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. DTW Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. DTW Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. DTW Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd. DTW Datasheet HTML 5Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Power Supply
DTW Series
Units
%
%
%
V
s
V
A
Units
℃
Units
℃
%RH
℃
℃
%RH
g
0.03
Auxiliary Output Voltage
Auxiliary Output Source Current
0
5
± 10% Tolerance (Available for customization)
Non-condensing
90
Min.
Max.
Conditions/Description
Line Regulation
Typ.
Load Regulation
Output Current Regulation
±13
Ripple and Noise (pk-pk)
2
20MHz Bandwidth. See note (3)
Ripple Current
<30% of rated output current
*Measured at electronic load LED mode and nominal input voltage with
DC10V dimming.
Turn-on Delay Time
1
Measured at 100-277VAC and at full load
Protection Functions
Min.
Max.
Conditions/Description
Short Circuit Protection
will restart automatically after the fault condition is removed
Over Voltage Protection
will restart automatically after the fault condition is removed
Over Temp Protection (Tc)
will restart automatically after the fault condition is removed
Environmental Conditions
Min.
Max.
Conditions/Description
Operating Temperature (Ta)
0
50
Non-condensing
Operating Case Temperature (Tc)
75
Case temperature measured at the case hot spot
Measured at 100Vac,Ta 50℃
Operating Humidity
10
80
Non-condensing
Storage Humidity
10
95
Non-condensing
Life Time
Measured at 277Vac, 56,000 hours at Ta 50°C for DTW030U112FFA0.
Dimensions(L*W*H)
95 * 69 * 29 mm
3.74 * 2.72 * 1.14 inch
Weight
RF Electromagnetic Field
Susceptibility
Electrical Fast Transient
8 KV air discharge, 4 KV contact discharge
Comply with IEC 61000-4-4
EMS Standards
±3
±3
Typ.
Comply with IEC 61000-4-3
Comply with EN 61000-3-2
EMC Compliance and Safety
EMC Compliance
Voltage Fluctuations & Flicker
Electrostatic Discharge (ESD)
Comply with EN 61000-3-3
Storage Temperature
Comply with IEC 61000-4-2
Comply with EN 55015 (CISPR15)
110
Conducted and Radiated Emmission
Harmonic Current Emissions
Typ.
Output Specifications
-20
(1) All parameters not specially mentioned are measured 230VAC input.
(2) All specifications Typical @25℃, unless otherwise noted, at normal line and load.
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
Safety
Conducted RF Disturbances
Surge Immunity
Comply with IEC 61000-4-5
(4) Specified for free-air convection cooling.
Power Frequency Magnetic Field
Voltage Dips
Comply with IEC 61000-4-6
Comply with IEC 61000-4-8
Comply with IEC 61000-4-11
EMS Standards
UL
Comply with UL 8750
*REFERENCE: www.linkcom.com.tw
Notes
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
L-N 1KV
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw
Rev 3.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com