Electronic Components Datasheet Search
  English  ▼

X  

LCSEE12 Datasheet(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Part # LCSEE12
Description  Current Sense Transformers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Direct Link  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCSEE12 Datasheet(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCSEE12 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LinkCom Manufacturing Co.,Ltd
Rev.A
LCS EE12 Series
Current Sense Transformers
RoHS Compliant
Operating Temperature -40°C to +125°C
500Vrms isolation between windings
Frequency up to 1MHz
Up to 40A of rated current on primary
Electrical Specifications @25℃
Part Number
Turns Ratio
Pri. : Sec.
Secondary
Inductance
Min.(mH)
DCR
Volt-time
product on Sec.
Max.(V-µsec)
Terminating
Resistance
(1VSec./40APri.)
(Ω)
Pri.
Ref.(mΩ).
Sec.
Max.(Ω)
LCS0027-50
1:20
0.34
1
0.180
50.8
0.5
LCS0028-50
1:30
0.76
1
0.265
76.2
0.8
LCS0029-50
1:40
1.36
1
0.560
101.6
1.0
LCS0030-50
1:50
2.12
1
0.705
127.0
1.3
LCS0031-50
1:60
3.06
1
0.850
152.4
1.5
LCS0032-50
1:70
4.16
1
1.00
177.8
1.8
LCS0033-50
1:80
5.44
1
1.15
203.2
2.0
LCS0035-50
1:100
8.50
1
1.45
254.0
2.5
LCS0036-50
1:125
13.3
1
1.85
317.5
3.1
LCS0037-50
1:150
19.2
1
2.25
381.0
3.8
LCS0038-50
1:200
34.0
1
4.06
508.0
5.0
Dimensions
(Units:
Inches
mm
, Unless otherwise specified, all tolerances are ±
.010
0.25
)
Schematic
PIN1
Part Number
LinkCom
SUGGESTED PAD LAYOUT
TOP VIEW
.784
19.91Max.
.413
10.50Max.
.573
14.55Max.
.100
2.54
.650
16.51Min.
.024
0.60
1
2
3
4
5
6
7
8
9
10
11
12
.100
2.54
.047
1.19
.804
20.42
.443
11.24
.620
15.74
.168x.285
4.27x7.24
.356
9.04
Mark
1. Part Number----LCSxxxx
2. X----PRODUCT LINE OR BLANK
3. DATE CODE----YYWW
4.SS----50 OR BLANK
5. G----RoHS
Package info
LCSxxxx-50R - Tape reel
7
8
3
1
11
2
12
4


Similar Part No. - LCSEE12

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
LCSEE5 LINKCOM-LCSEE5 Datasheet
70Kb / 1P
Current Sense Transformers
More results

Similar Description - LCSEE12

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EP151XXX PCA-EP151XXX Datasheet
14Kb / 1P
Current Sense Transformers
EPC3108G-125 PCA-EPC3108G-125_07 Datasheet
25Kb / 1P
Current Sense Transformers
EP151XXX PCA-EP151XXX_15 Datasheet
22Kb / 1P
Current Sense Transformers
EPC3108G-XXX PCA-EPC3108G-XXX_15 Datasheet
25Kb / 1P
Current Sense Transformers
logo
TRIAD MAGNETICS
CST206-1T TRIAD-CST206-1T Datasheet
86Kb / 1P
Current Sense Transformers
CST206-3A TRIAD-CST206-3A Datasheet
85Kb / 1P
Current Sense Transformers
CST306-3A TRIAD-CST306-3A Datasheet
85Kb / 1P
Current Sense Transformers
logo
Coilcraft lnc.
CST7030 COILCRAFT-CST7030 Datasheet
173Kb / 2P
Current Sense Transformers
CST2010 COILCRAFT-CST2010 Datasheet
182Kb / 2P
Current Sense Transformers
CS4050V-01L COILCRAFT-CS4050V-01L_15 Datasheet
255Kb / 1P
Current Sense Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com