Electronic Components Datasheet Search
  English  ▼

X  

HER808 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HER808
Description  High Efficiency Glass Passivated Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HER808 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HER808 Datasheet HTML 1Page - HY ELECTRONIC CORP. HER808 Datasheet HTML 2Page - HY ELECTRONIC CORP. HER808 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
TO-220AC
●
Low switching noise
●
Low thermal resistance
RoHS
●
Low forward voltage drop
COMPLIANT
●
High current capability
●
High fast switching capability
●
High surge capacity
Mechanical Data
●
Case: JEDEC TO-220AC Molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
HER
HER
HER
HER
HER
HER
HER
HER
801
802
803
804
805
806
807
808
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
300
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
210
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
300
400
600
800
1000
V
Maximum Average Forward Rectified Current @TA=75 ℃
IO
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Typical Junction Capacitance (Note1)
CJ
pF
Peak Forward Voltage at 8.0 A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
DC Blocking Voltage @TJ=100℃
Maximum Reverse Recovery Time (Note 2)
TRR
nS
Operating and Storage Temperature Range
TJ,
TSTG
℃
HER80*-U-00-00/01
Rev. 11, 18-May-2020
Notes: 1.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
2.Measured with IF=0.5A,IR=1A,IRR=0.25A
3.The typical data above is for reference only.
Characteristics
Symbol
IFSM
IR
Unit
A
μA
150
10
150
60
75
-55 to + 150
2.5
40
1.0
1.3
1.7
HER801 THRU HER808
Reverse Voltage - 50 to 1000 Volts
Forward Current - 8.0 Ampere
Package Outline Dimensions in Inches (Millimeters)
8.0
Pb
High Efficiency Glass Passivated
Rectifiers


Similar Part No. - HER808

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
HER808 SEMTECH_ELEC-HER808 Datasheet
270Kb / 2P
GLASS PASSIVATED HIGH EFFICIENCY RECTIFIERS
logo
Nantong Hornby Electron...
HER808 HORNBY-HER808 Datasheet
294Kb / 3P
GLASS PASSIVATED HIGH EFFICENCY RECTIFIER
logo
Rectron Semiconductor
HER808 RECTRON-HER808 Datasheet
104Kb / 5P
HIGH EFFICIENCY RECTIFIER VOLTAGE 1000 Volts CURRENT 8.0 Amperes
logo
Taiwan Semiconductor Co...
HER808G TSC-HER808G Datasheet
64Kb / 2P
8.0 AMPS. Glass Passivated High Efficient Rectifiers
HER808G TSC-HER808G Datasheet
269Kb / 2P
8.0 AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HER808

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HER1601 HY-HER1601 Datasheet
94Kb / 2P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
logo
SeCoS Halbleitertechnol...
HER201G SECOS-HER201G Datasheet
151Kb / 2P
Glass Passivated High Efficiency Rectifiers
logo
Comchip Technology
CUR801-G COMCHIP-CUR801-G Datasheet
65Kb / 3P
High Efficiency Glass Passivated Rectifiers
logo
SeCoS Halbleitertechnol...
HER301G SECOS-HER301G_15 Datasheet
219Kb / 2P
Glass Passivated High Efficiency Rectifiers
logo
Marl International Limi...
CUR801 MARL-CUR801_15 Datasheet
65Kb / 3P
High Efficiency Glass Passivated Rectifiers
logo
Unisonic Technologies
HER504G UTC-HER504G Datasheet
154Kb / 4P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
HER801 HY-HER801_17 Datasheet
144Kb / 3P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF801 HY-HERF801_17 Datasheet
140Kb / 3P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HERF1601 HY-HERF1601_17 Datasheet
140Kb / 3P
HIGH EFFICIENCY GLASS PASSIVATED RECTIFIERS
HER20XG HY-HER20XG Datasheet
419Kb / 3P
High Efficiency Glass Passivated Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com