Electronic Components Datasheet Search
  English  ▼

X  

SM3501 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SM3501
Description  FAN CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3501 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SM3501 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Page 4
V.2.0 Mar 8,2002
FUNCTION DESCRIPTION
SM3501 has five control signal operations:
* Start-up by SPEED key
a. function turn off ( OFF key )
b. wind mode select ( MODE key )
c. start-up function and wind speed select ( ON / SPEED key )
d. timer setting ( TIMER key )
e. swing head or light ( TGI key )
* Start-up by ON / OFF key
a. function control ( ON / OFF key )
b. wind mode select ( MODE key )
c. wind spped select ( SPEED key )
d. timer setting ( TIMER key )
e. swing head or light ( TGI key )
Only SPEED or ON / OFF key can enable the fan controller ; wind mode, timer and swing
head inputs can not be accepted when fan is not activated. The fan controller will be turned
off by timer time out or OFF ( ON / OFF ) key inputs.
When more than one key are pressed, controller will not accept the multi-key's control signal,
if the panel keys are pressed more than six seconds, controller will generate a "Bi-Bi-Bi-Bi"
warning sound.
state of fan controller is as
follows:
* Memory function available
If Fan controller is OFF on sleep mode, all memory functions will be returned to the LAST
STATE BEFORE SLEEP MODE operation.
a. grade as last state but with starting medium wind for three seconds
b. the wind mode as last state except sleep mode
c. swing function as last state
d. timer setting off
A. OFF KEY
When fan controller is on, press the OFF key on panel, fan functions will be turned off.
* PIN 6 OPTION1: ON / OFF KEY
When fan controller functions are on, press ON / OFF key on panel, fun function will be
turned off; if functions are off, press the key to turn on fan functions.
SM3501
FAN CONTROLLER
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com