Electronic Components Datasheet Search
  English  ▼

X  

EDS4100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EDS4100
Description  4-Port Enterprise Device Server
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EDS4100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EDS4100 Datasheet HTML 1Page - List of Unclassifed Manufacturers EDS4100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
+ SerialInterface
• Connectors: 4 x DB9M; 2 x RS232, 2 x RS232/422/485
• Baud rate: 300 bps to 921.6 Kbps
• Characters: 7 or 8 data bits
• Stop Bits: 1 or 2
• Parity: odd, even, none
• Flow Control: CTS/RTS, XON/XOFF
+ EthernetInterface
• Interface: 10Base-T/100Base-T
• Speed: 10/100/Auto Mbps
• Connector: RJ45
• Protocols: ARP, UDP, TCP, ICMP, Telnet, SNMP, DHCP, BOOTP,
TFTP, Auto IP, SMTP, FTP, DNS, Traceroute and HTTP
+ Security
• SSL v3, SSH v2
• MD5, SHA-1, Base-64
• AES 128-bit encryption
• 3DES encryption
• RC4 128-bit encryption
• Password protection, IP filtering
+ LEDIndicators
• Power, Link, Activity, RX Activity, TX Activity
+ Processor
• CPU: Intel XScale IXP420 @ 266MHz
• Memory: 32 MB SDRAM, 8 MB Flash
+ PowerRequirements
• Barrel Connector: 9-30 VDC
• Screw Terminal: 42-56 VDC
• PoE: 802.3af compliant
+ EnvironmentalLimits
• Operating temperature: 0° to 55°C (32° to 131°F)
• Storage temperature: -40° to 70°C (-40 to 158°F)
• Operating Humidity: 10% to 90%
• Storage Humidity: 10% to 90%
+ FormFactor
• Housing: Metal enclosure with removable wall mounts
• Dimensions: 3.81 x 17.65* x 12.7 cm (1.5 x 6.95* x 5 in)
• Weight: 0.86kg (1.9lbs)
* With wall mounts = 20.14 cm (7.93 in)
+ AgencyApprovals
• FCC, CUL, UL, VCCI, CE, CSA, TUV, C-Tick, GS, CB Scheme
+ Warranty
• 2-year limited warranty
+ ShippingDimensions
• Dimensions: 242 x 191 x 115 mm (9.5 x 7.5 x 4.5 in)
• Weight: 1.44kg (3.19lbs)
+ Software
• Windows 98/ME/NT/2000/XP/Vista (32-bit versions)
DeviceInstaller configuration software, Com Port Redirector
software and related utilities
• Management Options: Web browser, Telnet client,
Serial Terminal, SNMP v2 (MIBII, RS232MIB), XML
+ Regulatory
• FCC Part 15 Subpart B Class A
• ICES-003 Issue 4 February 2004 Class A
• AS/NZS CISPR 22: 2004 Class A
• EN55022: 1998 + A1: 2000 + A2: 2003 Class A
• VCCI V-3/2006.4 Class A
• EN61000-3-2: 2000 Class A
• EN61000-3-3: 1995 + A1: 2001
• EN55024: 1998 +A1: 2001 +A2: 2003
• IEC_61000-4-2: 1995 8KV Air, 4KV Contact
• IEC_61000-4-3: 1995 3.0V/m, 1KHz AM Sine Wave at 80%
• IEC_61000-4-4: 1995 1.0KV Power Lines, 0.5KV I/O Lines
• IEC_61000-4-5: 1995 1.0KV Common, 1.0 KV Differential
• IEC_61000-4-6: 1996 3.0 Vrms, 80% AM Modulated (1KHz)
• IEC_61000-4-8: 1993 50Hz 1.0 Arms/m
• IEC_61000-4-11: 1994 (>95%,0.5), (30%,25), (>95%,250)
+ Isolation
• Power Input: 2KV common mode and 1KV differential mode
power surge protection
• Serial Port(s): 15 KV ESD protection
• Ethernet Port: 1500 VAC isolation shielded
CORPORATE HEADQUARTERS
15353 Barranca Parkway | Irvine | CA 92618 | USA | t: 800.422.7055 | f: 949.450.7232 | sales@lantronix.com | www.lantronix.com
©2009, Lantronix, Inc. Lantronix is a registered trademark, and DeviceInstaller, Evolution OS and Com Port Redirector are trademarks of Lantronix, Inc.
All other trademarks are the property of their respective owners. Specifications subject to change without notice. All rights reserved.
920-007 08/09
EDS4100
DeviceLinx
FEATURES
ORDERINGINFORMATION
+PartNumber
+Description
ED41000P0-01
EDS4100four-portdeviceserver
- No power supply
- CD Includes: User Guide and Software
utilities (DeviceInstaller and Com Port
Redirector)
- Quick Start Guide
ED41000P2-01
EDS4100four-portdeviceserver
- 100-240 VAC International power supply
with regional adapters
- CD Includes: User Guide and Software
utilities (DeviceInstaller and Com Port
Redirector)
- Quick Start Guide



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com