Electronic Components Datasheet Search
  English  ▼

X  

HS1AL Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # HS1AL
Description  Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

HS1AL Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  HS1AL Datasheet HTML 1Page - HY ELECTRONIC CORP. HS1AL Datasheet HTML 2Page - HY ELECTRONIC CORP. HS1AL Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
SOD123-FL
●
Low cost
●
Ultra fast switching for high efficiency
RoHS
●
Low reverse leakage current
COMPLIANT
●
Low forward voltage drop
●
High current capability
●
The plastic material carries UL recognition 94V-0
Mechanical Data
●
Case: JEDEC SOD123-FL Molded plastic
●
Polarity: Color band denotes cathode
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
For use in SMPS, high frequency inverters, PWM and polarity
protection applications
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Symbol
HS1AL
HS1BL
HS1DL
HS1GL
HS1JL
HS1KL
HS1ML
Marking
H1AL
H1BL
H1DL
H1GL
H1JL
H1KL
H1ML
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current @TA=55 ℃
I(AV)
A
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
Peak Forward Voltage at 1.0 A DC
VF
1.3
V
Maximum DC Reverse Current at Rated @TJ=25℃
DC Blocking Voltage @TJ=100℃
Maximum Reverse Recovery Time (Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance Junction to Ambient
RθJA
℃/W
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
HS1*L-7-99-00
Rev. 11, 18-May-2020
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
3.The typical data above is for reference only.
Characteristics
IFSM
IR
Unit
A
μA
9
180
-55 to +150
-55 to +150
Notes: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
100
50
75
Surface Mount High Efficiency (Ultra Fast) Glass
Passivated Rectifiers
25
1.0
Pb
1.0
1.7
5.0
www.hygroup.com.tw
HS1AL THRU HS1ML
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Package Outline Dimensions in Inches (Millimeters)


Similar Part No. - HS1AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HS1AL TSC-HS1AL Datasheet
359Kb / 4P
1.0AMP High Efficient Surface Mount Rectifiers
logo
Zibo Seno Electronic En...
HS1AL ZSELEC-HS1AL Datasheet
117Kb / 2P
1.0A SURFACE MOUNT ULTRAFAST DIODE
More results

Similar Description - HS1AL

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
HS2XA HY-HS2XA Datasheet
91Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2X HY-HS2X Datasheet
91Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3XB HY-HS3XB Datasheet
92Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
H1AL HY-H1AL_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS1A HY-HS1A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS2A HY-HS2A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3A HY-HS3A_17 Datasheet
166Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
HS3AB HY-HS3AB_17 Datasheet
135Kb / 3P
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS HIGH EFFICIENCY (ULTRA FAST)
UF2A HY-UF2A_17 Datasheet
135Kb / 3P
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS
HS3X HY-HS3X_V01 Datasheet
432Kb / 3P
Surface Mount High Efficiency (Ultra Fast) Glass Passivated Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com