Electronic Components Datasheet Search
  English  ▼

X  

EXPI9404PTL Datasheet(PDF) 2 Page - Intel Corporation

Part # EXPI9404PTL
Description  Low-Profile Quad Port Copper Gigabit Ethernet Server Adapter for PCI* Express Slots
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EXPI9404PTL Datasheet(HTML) 2 Page - Intel Corporation

  EXPI9404PTL Datasheet HTML 1Page - Intel Corporation EXPI9404PTL Datasheet HTML 2Page - Intel Corporation EXPI9404PTL Datasheet HTML 3Page - Intel Corporation EXPI9404PTL Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
General
Product code
EXPI9404PTL4
Connectors
Four RJ-45
EEE standards/network topology
10BASE-T, 100BASE-TX,
1000BASE-T
Wiring
Category-5, unshielded twisted
pair (UTP), 4-pair
Adapter Product Features
Intel® PROSet Utility and Intel® PRO
Intelligent Install for easy installation
•
Intel® lead-free1 technology
•
Plug and play specification support
Standard
Auto-negotiation, full-duplex capable
•
Intel® I/OAT2
•
Integrated media access control (MAC)
and physical layer (PHY)
•
Includes a full-height bracket
•
RoHs3
•
Cable distance
100 m in Category-5 for 100/1000
Mbps; and Category-3 for 10 Mbps
Network Management
Wired for Management (WfM) baseline
v2.0 enabled for servers
•
DMI 2.0 support, Windows Management
Instrumentation (WMI) and
SNMP-manageable SMBus support
•
Remote Installation Services (RIS)
•
Diagnostics (loopback, testability,
PHY register access)
•
Advanced configuration and power
interface (ACPI) 1.0 power management
•
Wake on LAN* support over PCI Express*
PXE 2.0 enabled through boot read-only
memory (ROM)
•
Network Operating Systems (NOS) Software Support
Microsoft Windows* Server 2003,
Enterprise, Datacenter (32- and 64-bit)
•
Microsoft Windows 2000
•
Red Hat Linux* 2.4x or later (32- and 64-bit)
•
FreeBSD 4.x or later
•
Novell Netware*
•
Sun Solaris* x86, OS 8 and later
•
SCO Open Server 5, OpenUNIX 8*
•
Intel Backing
Limited lifetime warranty
•
90-day, money-back guarantee
(U.S. and Canada)
•
Advanced Software Features
Adapter fault tolerance (AFT)
•
Switch fault tolerance (SFT)
•
Adaptive load balancing (ALB)
•
Fast EtherChannel*5 (FEC)
•
Gigabit EtherChannel*5 (GEC)
•
Teaming support
Scales up to 8 connections
Multiple teams
Supports 4 separate teams,
maximum
IEEE 802.3ad* (link aggregation
control protocol)5
•
Test switch configuration
Tested with major switch original
equipment manufacturers (OEMs)
PCIe Hot Plug*/Active peripheral
component interconnect (PCI)
•
EEE 802.1Q* VLANs
•
EEE 802.3* (z, ab, u, x) flow control
support
•
TCP checksum offload — transmission
control protocol (TCP), user datagram
protocol (UDP), Internet protocol (IP)
•
IEEE 802.1p*
•
TCP segmentation/large send offload
•
Interrupt moderation
•
Technical Features
Data rate(s) supported per port
10, 100, and 1000 Mbps
Bus type
PCI Express 1.0a
Bus width
x4 lane PCI Express, operable
in x4, x8, x16 slots
Bus speed (x4, encoded rate)
10 Gbps uni-directional;
20 Gbps bi-directional
EEPROM-SPI and single EEPROM support
•
Interrupt levels
INTA, INTB, INTC, INTD
IEEE support
802.3ab*
Hardware certifications
FCC B, UL, CE, VCCI, BSMI, CTICK, MIC
Controller-processor
Intel® 82571GB
Typical power consumption
12.096 W (12 V @ 1.008 A)
Operating temperature
0–55° C
LEDs
4 (1/port, link and speed) solid
and blinking
Physical Dimensions
Length
16.77 cm (6.601in)
Width
6.89 cm (2.713 in)
Height of end bracket
8.00 cm (3.153 in)
Specifications
The Intel PRO/1000 PT Quad Port LP Server Adapter’s low-profile
design, the industry’s first server adapter to incorporate four
Gigabit Ethernet connections in a low-profile PCI Express slot,
improves server throughput and rack density at the same time.
The Intel PRO/1000 PT Quad Port LP Server Adapter represents
the sixth generation of Intel® network adapters for Gigabit
Ethernet, and features 10/100/1000 Mbps self-configuration
for compatibility with mixed-speed network infrastructure.
For easy installation and management, all Intel® PRO Network
Connections are supported by Intel® PRO Intelligent Install and
the new Intel® PROSet Utility for Windows* Device Manager. Intel
PROSet simplifies adapter installation and gives you point-and-click
power to configure and manage all your Intel PRO Network
Connections for connectivity you can count on.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com