Electronic Components Datasheet Search
  English  ▼

X  

LP28057A Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP28057A
Description  1A Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28057A Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP28057A Datasheet HTML 1Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 2Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 3Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 4Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 5Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 6Page - Lowpower Semiconductor inc LP28057A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LP28057A – 00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 7
Preliminary Datasheet
LP28057A
Application Information
The LP28057A is a single cell lithium-ion battery charger
using a constant-current/constant-voltage algorithm. It can
deliver up to 1000mA of charge current (using a good thermal
PCB layout) with a final float voltage accuracy of ±1%(4.2V).
The LP28057A includes an internal P-channel power
MOSFET and thermal regulation circuitry. No blocking diode
or external current sense resistor is required; thus, the basic
charger circuit requires only two external components.
Furthermore, the LP28057A is capable of operating from a
USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the VIN pin rises
above the UVLO threshold level and a 1% ISET ram resistor
is connected from the ISET pin to ground or when a battery is
connected to the charger output. If the BAT pin is less than 3V,
the charger enters trickle charge mode. In this mode, the
LP28057A supplies approximately 1/10 of the ISET rammed
value current to bring the battery voltage up to a safe level for
full current charging.
When the BAT pin voltage rises above 3V, the charger enters
constant-current mode, where the ISET rammed charge
current is supplied to the battery. When the BAT pin
approaches the final float voltage, the LP28057A enters
constant-voltage mode and the charge current begins to
decrease. When the charge current drops to 1/10 of the ISET
rammed value, the charge cycle ends.
ISET ramming Charge Current
The charge current is ISET rammed using a single resistor
from the ISET pin to ground. The battery charge current is
1000 times the current out of the ISET pin. The ISET ram
resistor and the charge current are calculated using the
following equations:
RSET=1000V/IBAT,IBAT= 1000V/RSET
The charge current out of the BAT pin can be determined at
any time by monitoring the ISET pin voltage using the
following equation:
IBAT= VSET x 1000/RSET(LP28057A)
Automatic Recharge
Once the charge cycle is terminated, the LP28057A
continuously monitors the voltage on the BAT pin using a
comparator with a 2ms filter time. A charge cycle restarts
when the battery voltage falls below 4.0V (which corresponds
to approximately 80% to 90% battery capacity). This ensures
that the battery is kept at or near a fully charged condition and
eliminates the need for periodic charge cycle initiations.
CHRG output enters a strong pull-down state during recharge
cycles.
Charge Status Indicator (STAT)
The charge status output has two different states: strong
pull-down (~5mA) and high impedance. The strong pull-down
state indicates that the LP28057A is in a charge cycle. High
impedance indicates that the charge cycle complete or the
LP28057A is in under voltage lockout mode: either VIN is less
than 150mV above the BAT pin voltage or insufficient voltage
is applied to the VIN pin. A microprocessor can be used to
distinguish between these two states.
Function
STAT1(pin7)
STAT2(pin6)
Charging
Low
High
Charge END
High
Low
Thermal Limiting
An internal thermal feedback loop reduces the ISET rammed
charge current if the die temperature attempts to rise above a
preset value of approximately 125°C. This feature protects the
LP28057A from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without risk of damaging the LP28057A.
The charge current can be set according to typical (not
worst-case) ambient temperature with the assurance that the
charger will automatically reduce the current in worst-case
conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com