Electronic Components Datasheet Search
  English  ▼

X  

LPA2161 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPA2161
Description  BOOST 7.0W AB/D
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2161 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPA2161 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2161 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2161 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2161 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2161 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2161 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2161 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2161 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2161 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LPA2161-00
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
初步数据表
LPA2161
引脚信息
封装类型
引脚信息
ESOP-8
1
2
3
4
8
7
6
5
FBCTRL
SW
PVDD
OUTN
CTRL
IN1
IN2
OUTP
GND
9(PAD)
ESOP-8
(Top View)
序号
名称
描述
1
FBCTRL
Boost 最大升压值选择端口
2
SW
升压电路 switch 端口
3
PVDD
芯片电源输入端
4
OUTN
音频输出负端
5
OUTP
音频输出正端
6
IN2
音频信号输入正端
7
IN1
音频信号输入负端
8
CTRL
AGC 功能控制,AB/D 类模式控制,关断控制端口
9(PAD)
GND
芯片接地端
应用原理图
FBCTRL
1
CTRL
8
SW
2
PVDD
3
OUTN
4
OUTP
5
IN2
6
IN1
7
Differential
Input
Differential
Input
Power
supply
Enable
control
MCU
control
GND
9(PAD)
R2
R1
4.7uH
SS54
COUT
470uF
10uF
//1uF
RIN
CIN
RIN
CIN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com