Electronic Components Datasheet Search
  English  ▼

X  

LPA2172 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPA2172
Description  Filterless 5.2W Class- F Mono Audio Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2172 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPA2172 Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2172 Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2172 Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2172 Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2172 Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2172 Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2172 Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2172 Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2172 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary Datasheet
LPA2172
LPA2172–02
JUN.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 10
Typical Application Circuit
GND
VIN
SD
VDD
VON
VOP
Speaker
1uF
LPA2172
BYP
MODE
27K
47nF
4ohm
NC/22uF
AB
D
0.22uF
2
3
4
5
6
8
1
7
2.5-5.5V
ON
OFF
Figure 1. Typical Application Circuit
Functional Pin Description
P a c k a g e Ty p e
P i n C o n f i g u r a t i o n s
ESOP-8
4
3
2
1
5
6
7
8
VDD
VIN
SD
MODE
VOP
GND
VON
BYP
Figure 2. The P i n C o n f i g u r a t i o n s



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com