Electronic Components Datasheet Search
  English  ▼

X  

LPW5206 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LPW5206
Description  USB Power Loading Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5206 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LPW5206 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5206 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5206 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5206 Datasheet HTML 4Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LPW5206-09
Feb.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 4
Preliminary Datasheet
LPW5206
USB Power Loading Switch
General Description
The LPW5206 is an integrated power switch for
self-powered and bus-powered Universal Series Bus
(USB) applications. A built-in charge pump is used to
drive the N-Channel MOSFET that is free of parasitic
body diode to eliminate any reversed current flow
across the switch when it is powered off. Its low
quiescent current (16μA) and small package (SOT23-5)
is particularly suitable in battery-powered portable
equipment.
Several protection functions include soft start to limit
inrush current during plug-in, current limiting at 600mA
to meet USB power requirement, and thermal
shutdown to protect damage under over current
conditions.
Order Information
LPW5206 □ □ □
F: Pb-Free
Package Type
B5: SOT23-5
Applications
Power Switch
USB Device
Battery Charger Circuits
Features
160mΩ Low RDS(ON), High-side N-MOSFET
Guaranteed 600mA Continuous Current
2.5V to 6V Input Voltage
Low Quiescent Current:16μA
Soft Start Function
Built-In Short-Circuit Protection
Built-In Thermal Protection
RoHS Compliant and 100% Lead(Pb)-Free
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LPW5206B5F LPS
4WYWX
SOT23-5
Y: Year code. W: Weeks code. X: Series number code.
VOUT
VIN
NC
3
VOUT
1
GND
2
EN
4
VIN
5
LPW5206
Cin
10uF
Cout
10uF


Similar Part No. - LPW5206

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LPW5201 POWER-LPW5201 Datasheet
285Kb / 4P
Power Switch with Programmable Current Limit
LPW5201B5F-06 POWER-LPW5201B5F-06 Datasheet
285Kb / 4P
Power Switch with Programmable Current Limit
LPW5201B5F-11 POWER-LPW5201B5F-11 Datasheet
285Kb / 4P
Power Switch with Programmable Current Limit
LPW5201B5F-21 POWER-LPW5201B5F-21 Datasheet
285Kb / 4P
Power Switch with Programmable Current Limit
LPW5202 POWER-LPW5202 Datasheet
372Kb / 8P
Power Distribution Switches
More results

Similar Description - LPW5206

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC5826 SEMTECH-SC5826 Datasheet
151Kb / 8P
HotSwitch??USB Power Distribution Switch
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
373Kb / 14P
USB Dual-Channel Power Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
DUAL USB POWER SWITCH
logo
Champion Microelectroni...
CM2026 CHAMP-CM2026 Datasheet
262Kb / 7P
DUAL USB POWER CONTROL SWITCH
logo
Molex Electronics Ltd.
62200-5711 MOLEX11-62200-5711 Datasheet
35Kb / 1P
Backplane Power Module Loading Heads
logo
E-CMOS Corporation
ELPW5208 E-CMOS-ELPW5208 Datasheet
995Kb / 8P
1.2A Dual USB Power Loading Switch
ELPW5209 E-CMOS-ELPW5209 Datasheet
347Kb / 10P
Power Loading Switches With Flag/Adj.
logo
First Silicon Co., Ltd
FC9521 FS-FC9521 Datasheet
691Kb / 8P
USB Power-Distribution Switch
FC9516A FS-FC9516A Datasheet
796Kb / 12P
USB Power-Distribution Switch
logo
Molex Electronics Ltd.
0622005711 MOLEX-0622005711 Datasheet
32Kb / 2P
Backplane Power Module Loading Heads
02/27/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com