Electronic Components Datasheet Search
  English  ▼

X  

DM115 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DM115
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM115 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DM115 Datasheet HTML 1Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 2Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 3Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM115 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.002
Page 2
Preliminary
Pin Connection (Top view)
Block Diagram
GND
SERIAL-IN
SERIAL-OUT
CLOCK
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
R-EXT
VDD
8
7
6
5
4
3
2
1
9
10
11
12
13
14
15
16
ENABLE
LATCH
CK
CK
D
D
Q
Q
D
ST
Q
CLOCK
CK
D
Q
I-REG.
SERIAL-IN
LATCH
ENABLE
R-EXT
SERIAL-OUT
OUT7
OUT1
OUT0
D
D
ST
ST
Q
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com