Electronic Components Datasheet Search
  English  ▼

X  

74HC240 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74HC240
Description  High Speed CMOS Logic
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74HC240 Datasheet(HTML) 1 Page - Silicon Supplies

  74HC240 Datasheet HTML 1Page - Silicon Supplies 74HC240 Datasheet HTML 2Page - Silicon Supplies 74HC240 Datasheet HTML 3Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
du 
 
 
 
 
 
High Speed CMOS Logic – 74HC240
Octal 3-State Inverting Buffer / Line Driver / Line Receiver in bare die form
Rev 1.0
29/07/20
Output Drive Capability: 15 LSTTL Loads
Low Input Current: 1µA
Outputs directly interface CMOS, NMOS and TTL
Features:
 
Operating Voltage Range: 2V to 6V
CMOS High Noise Immunity
 
Function compatible with 74LS240
 
Lower power alternative to Bipolar or BiCMOS logic
 
 
 
Ordering Information
Description
Die Dimensions in µm (mils)
The 74HC240 is produced on a 2.5µm 5V CMOS process
combining high speed LSTTL performance with CMOS low
power. The device can be used as two 4-bit buffers or one
8-bit buffer & features inverting inputs with two output
enables, each controlling four of the 3-state outputs. The
device improves performance & density in clock drivers, 3-
state memory address drivers & bus orientated transmitters
and receivers. Device inputs are compatible with standard
CMOS outputs; with pull-up resistors, they are compatible
with LSTTL outputs. All inputs are equipped with protection
circuits against static discharge & transient excess voltage.
The following part suffixes apply:
1950 (77)
 
No suffix - MIL-STD-883 /2010B Visual Inspection
 
 
 
For High Reliability versions of this product please see
 
54HC240
 
 
 
 
1950 x 2050
77 x 81
µm
mils
 
 
 
 
Die Size (Unsawn)
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (100 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
130 x 130
4.17 x 4.17
µm
mils
Minimum Bond Pad Size
350 (±20)
13.78 (±0.79)
µm
mils
Die Thickness
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Assembled into Ceramic Package – On request
Page 1 of 6 
www.siliconsupplies.com


Similar Part No. - 74HC240

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC240 PHILIPS-74HC240 Datasheet
44Kb / 7P
Octal buffer/line driver; 3-state; inverting
December 1990
74HC240 NXP-74HC240 Datasheet
112Kb / 18P
Octal buffer/line driver; 3-state; inverting
Rev. 03-2 August 2007
logo
Silicon Supplies
74HC240 SS-74HC240 Datasheet
393Kb / 6P
High Speed CMOS Logic
Rev 1.1 30/11/21
logo
Nexperia B.V. All right...
74HC240 NEXPERIA-74HC240 Datasheet
261Kb / 14P
Octal buffer/line driver; 3-state; inverting
Rev. 6 - 2 September 2021
logo
Silicon Supplies
74HC240 SS-74HC240 Datasheet
295Kb / 6P
High Speed CMOS Logic
Rev 1.1 30/11/21
More results

Similar Description - 74HC240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC190E TI-CD74HC190E Datasheet
292Kb / 10P
HIGH SPEED CMOS LOGIC
logo
Silicon Supplies
54HC00 SS-54HC00 Datasheet
372Kb / 5P
High Speed CMOS Logic
54HC02 SS-54HC02 Datasheet
803Kb / 5P
High Speed CMOS Logic
54HC04 SS-54HC04 Datasheet
382Kb / 5P
High Speed CMOS Logic
74HC00 SS-74HC00 Datasheet
370Kb / 5P
High Speed CMOS Logic
54HC08 SS-54HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
54HC20 SS-54HC20 Datasheet
587Kb / 5P
High Speed CMOS Logic
74HC08 SS-74HC08_19 Datasheet
589Kb / 5P
High Speed CMOS Logic
74HC32 SS-74HC32_19 Datasheet
757Kb / 5P
High Speed CMOS Logic
74HC05 SS-74HC05 Datasheet
754Kb / 5P
High Speed CMOS Logic
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com