Electronic Components Datasheet Search
  English  ▼

X  

5406 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 5406
Description  Bipolar TTL Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

5406 Datasheet(HTML) 2 Page - Silicon Supplies

  5406 Datasheet HTML 1Page - Silicon Supplies 5406 Datasheet HTML 2Page - Silicon Supplies 5406 Datasheet HTML 3Page - Silicon Supplies 5406 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
 
d 
Bipolar TTL Logic – 5406
Rev 1.0
29/07/20
 
 
Pad Layout and Functions
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.090
0.380
2
1Y
0.090
0.090
3
2A
0.460
0.090
4
2Y
0.830
0.090
5
3A
1.220
0.090
6
3Y
1.220
0.380
7
GND
1.220
0.630
8
4Y
1.220
0.880
9
4A
1.220
1.170
10
5Y
0.830
1.170
11
5A
0.460
1.170
12
6Y
0.090
1.170
13
6A
0.090
0.880
14
VCC
0.090
0.630
CONNECT CHIP BACK TO GND OR FLOAT
Logic Diagram
1450µm (57.11 mils)
10
9
8
7
12
13
14
11
0,0
Pad 14 = VCC
Pad 7 = GND
Y = Ᾱ  
6
5
4
3
2
1
DIE ID
Truth Table
INPUTS
A
OUTPUT
Y
L
H
Z
L
H = High level (steady state)
L = Low level (steady state) 
Z = High Impedance
 
Page 2 of 4 
www.siliconsupplies.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com