Electronic Components Datasheet Search
  English  ▼

X  

DM114 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM114
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM114 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM114 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.002
Page 7
Preliminary
Switching Characteristics (Ta = 25 °C unless otherwise noted)
DM114
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
⎯
40
80
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
⎯
16
20
ns
ENABLE-OUTn
⎯
70
140
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
⎯
16
20
ns
Output Current Rise Time
tor
⎯
250
400
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=210
Ω
VL=5.0V
RL=47
Ω
CL=15pF
⎯
30
50
ns
DM115
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
ENABLE-OUTn
⎯
40
80
Propagation
Delay Time
(“L” to “H”) CLK-SOUT
tpLH
⎯
16
20
ns
ENABLE-OUTn
⎯
70
140
Propagation
Delay Time
(“H” to “L”) CLK-SOUT
tpHL
⎯
16
20
ns
Output Current Rise Time
tor
⎯
10
15
ns
Output Current Fall Time
tof
VDD=5.0V
VIH=VDD
VIL=GND
REXT=630
Ω
VL=5.0V
RL=150
Ω
CL=15pF
⎯
30
50
ns
Note: (Delay between outputs)
The DM114、DM115 also incorporated the delay unit between outputs. The delay time is 4 ns(typ.), out7 has no
delay, out5 has 4 ns delay, out 3 has 8 ns delay, and then out 1, out 0, out 2, out 4, out6. The delay is to prevent large
current impulse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com