Electronic Components Datasheet Search
  English  ▼

X  

LM135 Datasheet(PDF) 1 Page - Silicon Supplies

Part # LM135
Description  Analog Temperature Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

LM135 Datasheet(HTML) 1 Page - Silicon Supplies

  LM135 Datasheet HTML 1Page - Silicon Supplies LM135 Datasheet HTML 2Page - Silicon Supplies LM135 Datasheet HTML 3Page - Silicon Supplies LM135 Datasheet HTML 4Page - Silicon Supplies LM135 Datasheet HTML 5Page - Silicon Supplies LM135 Datasheet HTML 6Page - Silicon Supplies LM135 Datasheet HTML 7Page - Silicon Supplies LM135 Datasheet HTML 8Page - Silicon Supplies LM135 Datasheet HTML 9Page - Silicon Supplies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1 of 10
www.siliconsupplies.com
Die Size (Unsawn)
1500 x 1050
59 x 41
µm
mils
Minimum Bond Pad Size
104 x 104
4.09 x 4.09
µm
mils
Die Thickness
350 (±20)
13.78 (±0.79)
µm
mils
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
N/A – Bare Si
Analog Temperature Sensor – LM335A
Single-supply linear-output temperature sensor in bare die form
Wide temperature range: -40 to +100°C
0.5% typical accuracy at 25°C
Single-point calibration for high precision
Operates from 450μA to 5mA
<1Ω dynamic impedance
Linear output
Small size for high integration.
Rev 1.1
28/04/20
Features:
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 350µm(14 Mils) – On request
Assembled into Hermetic Package – On request
The LM335A precision linear-output temperature
sensor is designed for simple calibration and ease of
use. Output is derived from an integrated 2-terminal
Zener with a breakdown voltage directly proportional to
absolute temperature at 10mV/°K. Calibrated at
+25°C, the LM335A has a typical accuracy of 0.5°C
over a wide -40°C to 100°C temperature range. With
less than 1Ω dynamic impedance, performance is
consistent across a current range of 450μA to 5mA.
The device suits use as a general purpose sensor
where its small size, low impedance and linear output
enables simple circuit integration.
Description
The following part suffixes apply:
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
LM135 and LM135A
Ordering Information
Die Dimensions in µm (mils)
1500 (59)


Similar Part No. - LM135

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
LM135 STMICROELECTRONICS-LM135 Datasheet
574Kb / 16P
Precision temperature sensors
11-Feb-2007
logo
Texas Instruments
LM135 TI1-LM135 Datasheet
1Mb / 24P
LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
More results

Similar Description - LM135

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50 Datasheet
328Kb / 8P
Analog Temperature Sensor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
Analog Temperature Sensor
FM50 FAIRCHILD-FM50_08 Datasheet
693Kb / 8P
Analog Temperature Sensor
logo
Texas Instruments
LM94021 TI1-LM94021 Datasheet
1Mb / 23P
Multi-Gain Analog Temperature Sensor
logo
Rohm
BD1020HFV ROHM-BD1020HFV_15 Datasheet
1Mb / 13P
Temperature Sensor IC Analog Output
logo
Silicon Supplies
SIS60A SS-SIS60A Datasheet
544Kb / 6P
Analog Temperature Sensor
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
LM135A SS-LM135A Datasheet
1Mb / 10P
Analog Temperature Sensor
LM335 SS-LM335 Datasheet
1Mb / 10P
Analog Temperature Sensor
logo
Maxim Integrated Produc...
DS60 MAXIM-DS60 Datasheet
58Kb / 2P
Analog Temperature Sensor
100906
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com