Electronic Components Datasheet Search
  English  ▼

X  

SISH10 Datasheet(PDF) 2 Page - Silicon Supplies

Part # SISH10
Description  NPN Transistor Bare Die
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

SISH10 Datasheet(HTML) 2 Page - Silicon Supplies

  SISH10 Datasheet HTML 1Page - Silicon Supplies SISH10 Datasheet HTML 2Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
 
 
 
 
 
Absolute Maximum Ratings T
A = 25°C unless otherwise stated
Rev 1.0
07/07/17
NPN Transistor Bare Die ‐ SiSH10
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
3
V
Collector Current
IC
50
mA
Collector Power Dissipation
PC
225
mW
Junction & Storage Temperature
TJ, Tstg
-55 to 150
°C
 
 
Page 2 of 2 
www.siliconsupplies.com
 
 
 
 
 
 
 
 
 
 
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
IC = 100µA, IE = 0
30
-
-
V
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = 1mA, IB = 0
25
-
-
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = 10µA, IC = 0
3
-
-
V
VCB = 25V, IE = 0
-
-
100
nA
Collector Cut-off Current
ICBO
VCB = 25V, IE = 0, TA = 150°C
1
-
-
1
µA
Emitter Cut-off Current
IEBO
VEB = 2V
-
-
100
nA
ON CHARACTERISTICS
Forward-Current Transfer Ratio
hFE
VCE = 10V, IC = 4mA
110
-
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC = 4mA, IB = 0.4mA
-
-
0.45
V
Base-Emitter On Voltage
VBE(on)
VCE = 10V, IC = 4mA
-
-
0.95
V
SMALL-SIGNAL CHARACTERISTICS
1
Current-Gain Bandwidth Product
fT
IC = 4mA, VCE = 10V,
f = 100MHz
650
-
-
MHz
Collector-Base Capacitance
Ccb
-
-
0.7
Common-Base Feedback
Capacitance
Crb
VCB = 10V, IE = 0, f = 1MHz
-
-
0.65
pF
Collector Base Time Constant
rb’Cc
IC = 1mA, VCB = 10V, f = 31.8 MHz
-
-
9
ps
Electrical Characteristics T
A = 25°C unless otherwise stated
 
 
Note 1: Not production testing in die form, characterized by chip design.
 
 
 
DISCLAIMER: The information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. With
respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Silicon
 
Supplies Ltd hereby disclaims any and all warranties and liabilities of any kind.
 
LIFE SUPPORT POLICY: Silicon Supplies Ltd components may be used in life support devices or systems only with the express written
approval of Silicon Supplies Ltd, if a failure of such components can reasonably be expected to cause the failure of that life support device or
system or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human
body or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other
persons may be endangered.
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com