Electronic Components Datasheet Search
  English  ▼

X  

2N65 Datasheet(PDF) 7 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # 2N65
Description  2A 650V N-channel Enhancement Mode Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

2N65 Datasheet(HTML) 7 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button 2N65 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 2N65 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 2N65 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 2N65 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 2N65 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 2N65 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 2N65 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 2N65 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd 2N65 Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 7 of 12
2N65
6
Typical Test Circuit and Waveform
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A
B
C
D
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
D
C
B
A
Title
N u mb er
R ev is io n
Size
E
D ate:
2 5 -M ay -2 0 1 7
Sh eet
o f
File:
C :\ U s ers \A dm in is trat or \D es k to p \ 模板\w x d hq x t ( 1) . d db
D raw n B y :
Same Type
50KΩ
DUT
V
DS
200nF
V
12V
200nF
is DUT
GS
V
GS
10V
Q gs
Q
gd
Q g
V
DS
R
L
V
DD
DUT
V
GS
R
G
10V
V
DS
90%
10%
V
GS
td(on)
tr
td(off)
tf
I
D
di/dt=100A/μA
Q
trr
rr
di/dt adj.
Double Pulse
D.U.T
I
L
Current Pump
V
DD
D
1) Gate Charge Test Circuit & Waveform
2) Resistive Switching Test Circuit & Waveforms
3) Diode Reverse Recovery Test Circuit & Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com