Electronic Components Datasheet Search
  English  ▼

X  

MC78L08ABPRP Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC78L08ABPRP
Description  Three-Terminal Low Current Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L08ABPRP Datasheet(HTML) 2 Page - ON Semiconductor

  MC78L08ABPRP Datasheet HTML 1Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 2Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 3Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 4Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 5Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 6Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 7Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 8Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
2
MAXIMUM RATINGS (TA = +125°C, unless otherwise noted.)
Rating
Symbol
Value
Unit
Input Voltage (2.6 V−8.0 V)
Input Voltage (12 V−18 V)
Input Voltage (24 V)
VI
30
35
40
Vdc
Storage Temperature Range
Tstg
−65 to +150
°C
Operating Junction Temperature Range
TJ
0 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values
(not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage
may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (VI = 10 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, −40°C < TJ < +125°C (for MC78LXXAB,
NCV78L05A), 0
°C < TJ < +125°C (for MC78LXXAC), unless otherwise noted.)
MC78L05AC, AB, NCV78L05A
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
4.8
5.0
5.2
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
7.0 Vdc
≤ VI ≤ 20 Vdc
8.0 Vdc
≤ VI ≤ 20 Vdc
Regline
−
−
55
45
150
100
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
−
−
11
5.0
60
30
mV
Output Voltage
(7.0 Vdc
≤ VI ≤ 20 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 10 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
4.75
4.75
−
−
5.25
5.25
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
−
−
3.8
−
6.0
5.5
mA
Input Bias Current Change
(8.0 Vdc
≤ VI ≤ 20 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
−
−
−
−
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
−
40
−
mV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 8.0 Vdc
≤ VI ≤ 18 V, TJ = +25°C)
RR
41
49
−
dB
Dropout Voltage (TJ = +25°C)
VI − VO
−
1.7
−
Vdc
NOTE:
NCV78L05A: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring
site and change control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com