Electronic Components Datasheet Search
  English  ▼

X  

FSJ4N65 Datasheet(PDF) 11 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # FSJ4N65
Description  4A 650V N-channel Super Junction Power MOSFET ?
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

FSJ4N65 Datasheet(HTML) 11 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button FSJ4N65 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd FSJ4N65 Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 11 of 11
FSJ4N65
10
Attentions
ROUM Semiconductor Technology CO.,LTD. reserves the right to change the specification without prior
notice! The customer should obtain the latest version of the information before making the order and verify
that the information is complete and up to date.
It is the responsibility of the purchaser for any failure or failure of any semiconductor product under certain
conditions. It is the responsibility of the purchaser to comply with safety standards and to take safety
measures in the system design and machine manufacturing of Roma products in order to avoid potential risk
of failure. Injury or property damage.
Product promotion is endless, our company will be dedicated to provide customers with better products.
11
Appendix
Revision history:
Date
REV.
Description
Page
2017.04.10
1.0
Original



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com