Electronic Components Datasheet Search
  English  ▼

X  

E2N65 Datasheet(PDF) 12 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # E2N65
Description  2A 650V N-channel Enhancement Mode Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

E2N65 Datasheet(HTML) 12 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Back Button E2N65 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E2N65 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E2N65 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E2N65 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E2N65 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E2N65 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E2N65 Datasheet HTML 10Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E2N65 Datasheet HTML 11Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd E2N65 Datasheet HTML 12Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 12 of 12
I2N65
10
Attentions
ROUM Semiconductor Technology CO.,LTD. reserves the right to change the specification without
prior notice! The customer should obtain the latest version of the information before making the
order and verify that the information is complete and up to date.
It is the responsibility of the purchaser for any failure or failure of any semiconductor product under
certain conditions. It is the responsibility of the purchaser to comply with safety standards and to
take safety measures in the system design and machine manufacturing of Roma products in order
to avoid potential risk of failure. Injury or property damage.
Product promotion is endless, our company will be dedicated to provide customers with better
products.
11
Appendix
Revision history:
Date
REV.
Description
Page
2017.03.14
1.0
Original



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com