Electronic Components Datasheet Search
  English  ▼

X  

RY-0509D Datasheet(PDF) 2 Page - Recom International Power

Part # RY-0509D
Description  1 Watt SIP7 & DIP14 Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RY-0509D Datasheet(HTML) 2 Page - Recom International Power

  RY-0509D Datasheet HTML 1Page - Recom International Power RY-0509D Datasheet HTML 2Page - Recom International Power RY-0509D Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.recom-international.com
53
April-2005
5
Vcc
GND
0V
1
Vout
2
4
6
NC
CTRL
RY-XX12
Vout = 12V, TTL = 0V
Vout = 1.2V, TTL = 1V
Vcc
GND
0V
1
2
4
6
CTRL
TTL Input
2N2219, BC107, ZTX451
or Similar Transistors capable of
Sinking 50mA Continuous Current
0V
5
1kW
RY-XX12
Typical Applications
RY &
&
RX
Series
ECONOLINE
DC/DC-Converter
Flash PROM Programming Voltage Control
Normal Isolated Regulated Output
Typical Characteristics
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2409
0509
1209
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1212
2412
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2415
1215
0515
RY/RX-xx12S
RY/RX-xx15S
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2412
1212
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2415
1215
0515
RY/RX-xx05D
RY/RX-xx15D
RY/RX-xx12D
RY/RX-xx05S
RY/RX-xx09S



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com