Electronic Components Datasheet Search
  English  ▼

X  

RTD-0905 Datasheet(PDF) 1 Page - Recom International Power

Part # RTD-0905
Description  2 Watt SMD Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTD-0905 Datasheet(HTML) 1 Page - Recom International Power

  RTD-0905 Datasheet HTML 1Page - Recom International Power RTD-0905 Datasheet HTML 2Page - Recom International Power RTD-0905 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
60
www.recom-international.com
26-October-2005
Selection Guide
Part
Input
Outpu
Output
Efficiency
Number
Voltage
Voltage
Current
SMD
(3kV)
(VDC)
(VDC)
(mA)
(%)
RTS-xx3.3
(H)
5, 9, 12, 15, 24
3.3
606
70-75
RTS-xx05
(H)
5, 9, 12, 15, 24
5
400
80-85
RTS-xx09
(H)
5, 9, 12, 15, 24
9
222
80-85
RTS-xx12
(H)
5, 9, 12, 15, 24
12
167
80-85
RTS-xx15
(H)
5, 9, 12, 15, 24
15
133
80-85
RTS-xx24
(H)
5, 9, 12, 15, 24
24
83
80-85
RTD-xx05
(H)
5, 9, 12, 15, 24
±5
±200
70-75
RTD-xx09
(H)
5, 9, 12, 15, 24
±9
±111
75-78
RTD-xx12
(H)
5, 9, 12, 15, 24
±12
±83
75-83
RTD-xx15
(H)
5, 9, 12, 15, 24
±15
±66
75-85
RTD-xx24
(H)
5, 9, 12, 15, 24
±24
±42
78-85
xx = Input Voltage
100
60
20
40
100
50
0
-40
85
150
Operating Temperature °C
0
80
Safe Operating Area
95
Specifications (Core Operating Area)
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin max.
Load Voltage Regulation
3.3V output types
20% max.
(10% to 100% full load)
5V output type
15% max.
9V, 12V, 15V, 24V output types
10% max.
Output Ripple and Noise (20MHz limited)
150mVp-p max.
Operating Frequency
20kHz min. / 50kHz typ. / 85kHz max.
Efficiency at Full Load
70% min. / 80% typ.
No Load Power Consumption
RTS typ.
124mW min. / 186mW typ. / 250mW max.
RTD typ.
159mW min. / 192mW typ. / 240mW max.
Isolation Voltage
(tested for 1 second)
1.000VDC min.
H-Suffix
(tested for 1 second)
3.000VDC min.
Rated Working Voltage
(long term isolation)
see Application Notes
Isolation Capacitance
40pF min. / 115pF max.
Isolation Resistance
10 G
Ω min.
Short Circuit Protection
1 Second
Operating Temperature Range (free air convection)
-40°C to +85°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Reflow Temperature ROHS compliant (for more details see Application Notes)
245°C (30 sec) max.
conntinued on next page
2 Watt
SMD
Single &
&
Dual Output
Derating-Graph
(Ambient Temperature)
ECONOLINE
DC/DC-Converter
RTS &
&
RTD
Series
● 1kVDC Isolation
● Internal SMD Construction
● UL94V-0 Package Material
● Toroidal Magnetics
● Efficiency to 85%
Features
Unregulated
Converters
Compared to standard 2 Watt packages, space savings of 80% respectively 77% are achieved by these RTS
& RTD 2 Watts SMD-Miniature DC/DC Converters. They have been specifically designed for applications where
board space is at a premium,since these 2 Watt converters have only a slightly larger foot print than conven-
tional 1 Watt converters.
At efficiencies up to 80%, external cooling is not needed, as the full output power is available over the ope-
rating temperature range -40°C to +85°C. All converters have an I/O-Isolation of 1kVDC, allowing making
them suitable for many applications.
Description


Similar Part No. - RTD-0905

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RTD-0905 RECOM-RTD-0905 Datasheet
115Kb / 2P
ECONOLINE - DC/DC - CONVERTER
RTD-0905 RECOM-RTD-0905 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RTD-0905HP RECOM-RTD-0905HP Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RTD-0905P RECOM-RTD-0905P Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
More results

Similar Description - RTD-0905

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RW2-053.3S RECOM-RW2-053.3S Datasheet
102Kb / 2P
2 Watt DIP16 & SMD Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
2 Watt SMD Single & Dual Output
RW2-053.3S RECOM-RW2-053.3S_10 Datasheet
114Kb / 2P
2 Watt DIP16,Mini DIP16 & SMD Single & Dual Output
R2S RECOM-R2S Datasheet
127Kb / 4P
2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-0512 RECOM-R2S-0512 Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
2 Watt SMD Single & Dual Output
R2SX RECOM-R2SX Datasheet
584Kb / 6P
2 Watt SMD Single Output
R2M RECOM-R2M Datasheet
943Kb / 6P
2 Watt DIP8 & SMD Single & Dual Output
REV.: 2/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com