Electronic Components Datasheet Search
  English  ▼

X  

KBU2002G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # KBU2002G
Description  Glass Passivated Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

KBU2002G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  KBU2002G Datasheet HTML 1Page - HY ELECTRONIC CORP. KBU2002G Datasheet HTML 2Page - HY ELECTRONIC CORP. KBU2002G Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.hygroup.com.tw
Features
KBU
●
Glass passivated chip
●
Low forward voltage drop
RoHS
●
Ideal for printed circuit board
COMPLIANT
●
High surge current capability
Mechanical Data
●
Polarity: Symbol marked on body
●
Mounting position: Any
Note: Products with logo
or
are made by HY Electronic (Cayman) Limited.
Applications
●
General purpose use in AC/DC bridge full wave rectification,
for SMPS, lighting ballaster, adapter, etc.
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
KBU
KBU
KBU
KBU
KBU
KBU
KBU
20005G 2001G
2002G
2004G
2006G
2008G
2010G
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 1)
Rectified Current @ TC=100℃
Peak Forward Surge Current, 8.3mS Single Half Sine-Wave,
Superimposed on Rated Load (JEDEC Method)
I
2t Rating for Fusing (t<8.3mS)
I
2t
A
2s
Peak Forward Voltage per Diode at 10A DC
VF
V
Maximum DC Reverse Current at Rated @TJ=25℃
DC Blocking Voltage per Diode @TJ=125℃
Operating Junction Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
KBU20*G-B-00-00
Rev. 11, 18-May-2020
Characteristics
Symbol
I(AV)
IFSM
IR
Unit
A
A
μA
20
280
1.1
10
500
-55 to +150
-55 to +150
KBU20005G THRU KBU2010G
Reverse Voltage - 50 to 1000 Volts
Forward Current - 20 Amperes
Package Outline Dimensions in Inches (Millimeters)
325.4
Pb
Glass Passivated Bridge Rectifiers


Similar Part No. - KBU2002G

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
KBU25005 YANGJIE-KBU25005 Datasheet
269Kb / 2P
SINGLE PHASE 10/15/25/35AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBU25005 CHENG-YI-KBU25005 Datasheet
125Kb / 2P
SILICON BRIDGE RECTIFIERS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
KBU25005 RFE-KBU25005 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
logo
Jiangsu High diode Semi...
KBU25005 HDSEMI-KBU25005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
logo
Yangzhou yangjie electr...
KBU25005 YANGJIE-KBU25005 Datasheet
90Kb / 2P
Bridge Rectifier
More results

Similar Description - KBU2002G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com