Electronic Components Datasheet Search
  English  ▼

X  

G310C2 Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # G310C2
Description  10.4" COLOR TOUCHSCREEN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

G310C2 Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  G310C2 Datasheet HTML 1Page - Red Lion Controls. Inc G310C2 Datasheet HTML 2Page - Red Lion Controls. Inc G310C2 Datasheet HTML 3Page - Red Lion Controls. Inc G310C2 Datasheet HTML 4Page - Red Lion Controls. Inc G310C2 Datasheet HTML 5Page - Red Lion Controls. Inc G310C2 Datasheet HTML 6Page - Red Lion Controls. Inc G310C2 Datasheet HTML 7Page - Red Lion Controls. Inc G310C2 Datasheet HTML 8Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
1. POWER REQUIREMENTS:
Must use a Class 2 circuit according to National Electrical Code (NEC),
NFPA-70 or Canadian Electrical Code (CEC), Part I, C22.1 or a Limited
Power Supply (LPS) according to IEC 60950-1 or Limited-energy circuit
according to IEC 61010-1.
Power connection via removable three position terminal block.
Supply Voltage:
+24 VDC ±20%
G310C/R
G310S
Typical Power:
16 W
16 W
Maximum Power:
25 W
26 W
Note:
1. The G310’s circuit common is not connected to the enclosure of the
unit. See “Connecting to Earth Ground” in the section “Installing and
Powering the G310.”
2. BATTERY: Lithium coin cell CR2025. Typical lifetime of 10 years.
3. LCD MODULE DISPLAYS:
MODEL
G310C2
G310R2
G310S2
SIZE
10.4-inch
10.4-inch
10.4-inch
TYPE
TFT
TFT
TFT
COLORS
32K
32K
32K
PIXELS
640 X 480
800 X 600
640 X 480
BRIGHTNESS
450 cd/m2
400 cd/m2
1000 cd/m2
BACKLIGHT LIFETIME * 70,000 HR typ. 70,000 HR typ. 50,000 HR typ.
BACKLIGHT TYPE
LED
LED
LED
* Lifetime at room temperature. Refer to “Display” in the “Software/Unit
Operation” section.
4. 8-KEY KEYPAD: for on-screen menus.
5. TOUCHSCREEN: Resistive analog
6. MEMORY:
On Board User Memory: 32 Mbyte of onboard non-volatile Flash memory.
Memory Card: CompactFlash Type II slot for Type I and Type II
CompactFlash cards.
7. COMMUNICATIONS:
USB Port: Adheres to USB 2.0 specification full speed only via Type B
connection.
USB Host Ports: Comply with Universal Serial Bus Specification Rev 2.0.
Support data transfers at full-speed. Hardware over current protected (0.5
A max per port).
Serial Ports: Ports are individually isolated. Format and Baud Rates for each
port are individually software programmable up to 115,200 baud.
PGM Port: RS232 port via RJ12.
COMMS Ports: RS422/485 port via RJ45, and RS232 port via RJ12.
DH485 TXEN: Transmit enable; open collector, VOH = 15 VDC,
VOL = 0.5 V @ 25 mA max.
Note: For additional information on the communications or signal
common and connections to earth ground please see the “Connecting to
Earth Ground” in the section “Installing and Powering the G310.”
Ethernet Ports: 10 BASE-T / 100 BASE-TX
RJ45 jack is wired as a NIC (Network Interface Card). The jack shield is
electrically connected to Earth ground.
A secondary ethernet port (with its own Mac ID) is available as an option.
8. ENVIRONMENTAL CONDITIONS:
Operating Temperature Range: 0 to 50°C
Storage Temperature Range: -20 to 70°C
Operating and Storage Humidity: 80% maximum relative humidity (non-
condensing) from 0 to 50°C.
Vibration to IEC 68-2-6: Operational 5 to 150 Hz, 2 g.
Shock to IEC 68-2-27: Operational 35 g.
Altitude: Up to 2000 meters.
9. CERTIFICATIONS AND COMPLIANCES:
CE Approved
EN 61326-1 Immunity to Industrial Locations
Emission CISPR 11 Class A
Safety requirements for electrical equipment for measurement, control, and
laboratory use:
EN 61010-1: General Requirements
RoHS Compliant
UL Listed: File #E179259
UL Hazardous: File #E245515
Type 4X Enclosure rating (Face only)
IP66 Enclosure rating (Face only)
10. CONNECTIONS: Compression cage-clamp terminal block.
Wire Gage: 12-30 AWG copper wire
Torque: 5-7 inch-pounds (56-79 N-cm)
11. CONSTRUCTION: Steel rear metal enclosure with NEMA 4X/IP66
aluminum front plate when correctly fitted with the gasket provided.
Installation Category II, Pollution Degree 2.
12. MOUNTING REQUIREMENTS: Maximum panel thickness is 0.25" (6.3
mm). For NEMA 4X/IP66 sealing, a steel panel with a minimum thickness of
0.125" (3.17 mm) is recommended.
Maximum Mounting Stud Torque: 17 inch-pounds (1.92 N-m)
13. WEIGHT: 5.44 lbs (2.47 Kg)
WARNING - DO NOT CONNECT OR DISCONNECT CABLES
WHILE POWER IS APPLIED UNLESS AREA IS KNOWN TO BE
NON-HAZARDOUS. USB PORT IS FOR SYSTEM SET-UP AND
DIAGNOSTICS AND IS NOT INTENDED FOR PERMANENT
CONNECTION.
9.50
(241.3)
12.83 (325.8)
2.45 (62)
11.25 (285.8)
8.25
(209.4)
DIMENSIONS In inches (mm)
SpecificationS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com