Electronic Components Datasheet Search
  English  ▼

X  

GP2Y0E03 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2Y0E03
Description  Distance Measuring Sensor Unit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2Y0E03 Datasheet(HTML) 4 Page - Sharp Corporation

  GP2Y0E03 Datasheet HTML 1Page - Sharp Corporation GP2Y0E03 Datasheet HTML 2Page - Sharp Corporation GP2Y0E03 Datasheet HTML 3Page - Sharp Corporation GP2Y0E03 Datasheet HTML 4Page - Sharp Corporation GP2Y0E03 Datasheet HTML 5Page - Sharp Corporation GP2Y0E03 Datasheet HTML 6Page - Sharp Corporation GP2Y0E03 Datasheet HTML 7Page - Sharp Corporation GP2Y0E03 Datasheet HTML 8Page - Sharp Corporation GP2Y0E03 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Sheet No. : OP13002EN
GP2Y0E03
GPIO1
Reflective
Object
10% @50cm
90% @4cm
Vout(A)
2.1[V] (spec min. @4cm)
2.3[V] (spec max. @4cm)
Ts (Max 40ms)
Distance
(I C)
2
50cm
4cm
Response time of I C output is faster than that of Vout(A) because it is stabilized soon after distance data output.
Distance data is updated every 2ms after response time.
■
Electro-optical Characteristics
(Ta=25°C, VDD =3V)
Parameter
Measuring distance range
Response time (Note 4)
Stand-by supply current
Average supply current
Output terminal voltage
Output terminal voltage
Distance value
Distance value
Distance value
Symbol
Ts
Icc2
Icc1
Vout(A)3
Vout(A)2
D3
D2
D1
MIN.
(Note 1, 2)
L=50cm → L=4cm (Note 5)
GPIO1=GND
L=50cm, GPIO1=VIN(IO)
L=4cm (Note 1,2)
L=10cm (Note 1, 2)
L=4cm (Note 1, 2, 3)
L=10cm (Note 1, 2, 3)
L=50cm (Note 1, 2, 3)
Conditions
4
-
-
-
2.1
1.9
3
9
45
MAX.
50
40
60
36
2.3
2.1
5
11
55
Output terminal voltage
Vout(A)1
L=50cm (Note 1, 2)
0.3
0.8
L ※
TYP.
-
-
20
26
2.2
2.0
4
10
50
0.55
Unit
cm
ms
μA
mA
V
V
cm
cm
cm
V
L : Distance to reflective object
※
(Note 1) Under dark condition
(Note 2) Using reflective object :
(Note 2) White paper (Made by Japan Color Research Institute order made color chart : mat, reflective ratio : 90%)
(Note 3) Distance data through I C bus
(Note 4) Max. time means that it takes time to stabilize output due to the change of reflected signal light.
(Note 4) Definition : the case that object condition is changed suddenly from the least reflection(max. gain condition in
(Note 4) internal circuit) to the most reflection (min. gain condition in internal circuit).
(Note 5) Method of measuring (Ts)
(Note 4) Connect GPIO1 with GND during measuring L=50cm with reflective object:
(Note 4) Gray paper (mat, reflective ratio : 10%).
(Note 4) After changing the position (L=4cm with reflective object: White paper (mat, reflective ratio : 90%),
(Note 4) Measuring the time of the output terminal : Vout(A) until stabilizing after connecting GPIO1 with VIN(IO)
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com