Electronic Components Datasheet Search
  English  ▼

X  

LP1130 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP1130
Description  Half-Bridge IPM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1130 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP1130 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1130 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LP1130-01
Apr.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 5
Preliminary Datasheet
LP1130
Electrical Characteristics
(TA=25°C, unless otherwise noted.)
Characteristic
Symbol
Condition
Min
Typ
Max
Unit
Supply
Supply Voltage Range
VCC
−
4.4
−
13.2
V
Supply Current
ISYS
VBST=12V, VEN=0V
−
0.7
−
mA
EN Input
Input Voltage High
VEN_HI
−
2.0
−
−
V
Input Voltage Low
VEN_LO
−
−
−
0.8
V
Hysteresis
VEN_HYS
−
−
300
−
mV
Input Current
IEN
No internal pull-up or pull-down resistors
−1.0
−
+1.0
μA
PWM Input
Input Voltage High
VPWM_HI
−
2.0
−
−
V
Input Voltage Low
VPWM_LO
−
−
−
0.8
V
Hysteresis
VPWM-HYS
−
−
300
−
mV
Input Current
IPWM
No internal pull-up or pull-down resistors
−1.0
−
+1.0
μA
Under Voltage Lockout
UVLO Startup
VUVLO
−
-
4.3
-
V
Hysteresis
VUVLO-HYS
−
-
0.3
-
V
POWER MOSFET
Zero Gate Voltage Drain Current
IDSS
VIN=30V, EN=0
1
μA
High side switch On-Resistance
RDS(ON)-H
VCC=9V
9
mΩ
Low side switch On-Resistance
RDS(ON)-L
16
THERMAL SHUTDOW N
Thermal shutdown threshold
TSD
160
℃
Thermal shutdown threshold hysteresis
TSD-HYS
30
℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com