Electronic Components Datasheet Search
  English  ▼

X  

LP3120 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3120
Description  High Performance Regulated Charge Pump
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3120 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3120 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3120 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3120 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3120 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3120 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LP3120-00
May.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 5
Preliminary Datasheet
LP3120
Application Information
Figure1: Up to 6pcs White/Blue LED Driver from Li-Ion Battery Source
Figure2: Step-up to 5V with loading application from Li-Ion Battery Source
10uF
LOAD
1uF
2.2uF
Up to 5V
VIN
LP3120
2
3
5
6
1
4
GND
EN
VIN
C+
OUT
C-
Chip Enable
2.2uF
R6
R4
Chip Enable
VIN
R3
1uF
R1
R5
Up to 6pcs White/Blue LED
LP3120
2
3
5
6
1
4
GND
EN
VIN
C+
OUT
C-
2.2uF
R2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com