Electronic Components Datasheet Search
  English  ▼

X  

RTD-1209 Datasheet(PDF) 3 Page - Recom International Power

Part # RTD-1209
Description  2 Watt SMD Single & Dual Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RTD-1209 Datasheet(HTML) 3 Page - Recom International Power

  RTD-1209 Datasheet HTML 1Page - Recom International Power RTD-1209 Datasheet HTML 2Page - Recom International Power RTD-1209 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
62
www.recom-international.com
26-October-2005
Typical Characteristics
RTS &
&
RTD
Series
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
3rd angle
projection
8 PIN Single SMD Package
10 PIN Dual SMD Package
Bottom View
Top View
Bottom View
0.50
Top View
2.54 x 3
12.75
7.05
1.65
9.00
12.40
11.80
10.00
9.00
9.30
8.60
5
2
4
1
RECOM
RTS-xxxx
xxxx
8
10
7
2
4 5
RECOM
RTD-xxxx
xxxx
1
15.24
7.05
14.84
2.54x4
9.00
1.65
11.80
10.00
9.00
9.30
8.60
0.50
2.54
1.20
12.70
1.80
85
24
1
2.57
12.70
1.80
10
7
24
15
1.20
1.20
1.20
Pin Connections
Pin #
Single
Dual
1
–Vin
–Vin
2
+Vin
+Vin
4
–Vout
Com
5
+Vout
–Vout
7
No Pin
+Vout
8
NC
No Pin
10
No Pin
NC
NC = No Connection
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2405
1205
0505
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1212
2412
0512
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
2415
1215
0515
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0505
0.000
5.000
10.000
15.000
20.000
25.000
1205
2405
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0512
0.000
5.000
10.000
15.000
20.000
25.000
1212
2412
Deviation / Load
-10.000
40%
0%
100%
60%
80%
20%
-5.000
Total Output current (%)
0515
0.000
5.000
10.000
15.000
20.000
25.000
1215
2415
RTD-xx05
RTD-xx15
RTD-xx12
Recommended Footprint Details
Recommended Footprint Details



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com