Electronic Components Datasheet Search
  English  ▼

X  

LP3986 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3986
Description  300mA,Ultra-low Noise LDO Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3986 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3986 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3986 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3986 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3986 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3986 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3986 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP3986-05
Oct.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP3986
300mA,Ultra-low Noise LDO Regulator
General Description
The LP3986 is designed for portable applications with
demanding performance and space requirements. The
LP3986 performance is optimized for battery-powered
systems to deliver ultra low noise and low quiescent
current. Regulator ground current increases only
slightly in dropout, further prolonging the battery life.
The LP3986 also works with low-ESR ceramic
capacitors, reducing the amount of board space
necessary for power applications, critical in hand-held
wireless devices. The other features include ultra low
dropout voltage, high output accuracy, current limiting
protection, and high ripple rejection ratio. Available in
the 3-lead of SOT-23 packages
Order Information
LP3986 □ □ □ □ □
F: Pb-Free
Package Type
B3: SOT23
Output Type
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
30: 3.0V
33: 3.3V
36: 3.6V
50: 5.0V
Features
Ultra-Low-Noise for RF Application
2.5V- 6V Input Voltage Range
Low Dropout : 220mV @ 300mA
Ultra-Fast Response in Line/Load Transient
Current Limiting and Thermal Shutdown
Protection
Applications
PMP/PDA/MP3 players
Cellular and Mobile phone
RF Module
Sensor Module
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP3986B3F
SOT23-3
3K/REEL
VIN
2.2uF
2.2uF
LP3986
VIN
OUT
GND
Vout


Similar Part No. - LP3986

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Texas Instruments
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
LP3986 TI2-LP3986 Datasheet
578Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
REVISED FEBRUARY 2013
logo
National Semiconductor ...
LP3986BL-2528 NSC-LP3986BL-2528 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
LP3986BL-2828 NSC-LP3986BL-2828 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
More results

Similar Description - LP3986

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193 Datasheet
208Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Power IC Ltd.
PL0301 PICSEMI-PL0301 Datasheet
406Kb / 12P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Richtek Technology Corp...
RT9193 RICHTEK-RT9193_08 Datasheet
191Kb / 14P
300mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
E-CMOS Corporation
EC8806 E-CMOS-EC8806 Datasheet
691Kb / 13P
Ultra-Low Noise Ultra-Fast 300mA LDO Regulator
logo
SHANGHAI BELLING CO., L...
BL9193 BELLING-BL9193_17 Datasheet
911Kb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
BL9198 BELLING-BL9198_17 Datasheet
1Mb / 14P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE5055LA ACE-ACE5055LA Datasheet
202Kb / 3P
300mA Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
TECH PUBLIC Electronics...
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com