Electronic Components Datasheet Search
  English  ▼

X  

LP3990A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3990A
Description  300mA,Ultra-low noise, Small Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3990A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3990A Datasheet HTML 1Page - Lowpower Semiconductor inc LP3990A Datasheet HTML 2Page - Lowpower Semiconductor inc LP3990A Datasheet HTML 3Page - Lowpower Semiconductor inc LP3990A Datasheet HTML 4Page - Lowpower Semiconductor inc LP3990A Datasheet HTML 5Page - Lowpower Semiconductor inc LP3990A Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LP3990A-00
May.-2016
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 6
Preliminary Datasheet
LP3990A
Marking Information
Device
Marking
Package
Shipping
LP3990A-18QVF CWX
X2SON
12K/REEL
LP3990A-28QVF HWX
X2SON
Device
Marking
Package
Shipping
LP3990A-33QVF EWX
X2SON
12K/REEL
W: W is week code. X: X is series number.
Functional Pin Description
Package Type
Pin Configurations
1mm×1mm X2SON
GND
VOUT
EN
VIN
1
2
3
4
GND
Pin Description
Pin
Name
Description
1
VOUT
Output Voltage.
2
GND
Ground.
3
EN
Chip Enable (Active High). Note that this pin is high impedance.
4
VIN
Power Input Voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com