Electronic Components Datasheet Search
  English  ▼

X  

LP4054H Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP4054H
Description  600mA Standalone Linear Li-Ion Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4054H Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP4054H Datasheet HTML 1Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 2Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 3Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 4Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 5Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 6Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 7Page - Lowpower Semiconductor inc LP4054H Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP4054H-00
Aug.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP4054H
Thermal Limit
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise above a
preset value of approximately 125℃. This feature protects the
LP4054H from excessive temperature and allows the user to
push the limits of the power handling capability of a given
circuit board without risk of damaging the LP4054H. The
charge current can be set according to typical (not worst-case)
ambient temperature with the assurance that the charger will
automatically reduce the current in worst-case conditions.
Automatic Recharge
Once the charge cycle is terminated, the LP4054H
continuously monitors the voltage on the BAT pin using a
comparator with a 2ms filter time (TRECHARGE). A charge cycle
restarts when the battery voltage falls below 4.0V (which
corresponds to approximately 80% to 90% battery capacity).
This ensures that the battery is kept at or near a fully charged
condition and eliminates the need for periodic charge cycle
initiations. CHRG output enters a strong pull-down state
during recharge cycles.
Power Dissipation
The conditions that cause the LP4054H to reduce charge
current through thermal feedback can be approximated by
considering the power dissipated in the IC. Nearly all of this
power dissipation is generated by the internal MOSFET—this
is calculated to be approximately:
PD=(VIN-VBAT) × IBAT
VIN Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multilayer
ceramic capacitors. Because of the self-resonant and high Q
characteristics of some types of ceramic capacitors, high
voltage transients can be generated under some start-up
conditions, such as connecting the charger input to a live
power source. Adding a 1.5Ω resistor in series with an X5R
ceramic capacitor will minimize start-up voltage transients.
Layout Considerations
For the main current paths as indicated in bold lines,
keep their traces short and wide.
Put the input capacitor as close as possible to the device
pins (VIN and GND).
Connect all analog grounds to a command node and
then connect the command node to the power ground
behind the output capacitors.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com