Electronic Components Datasheet Search
  English  ▼

X  

LP4067 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP4067
Description  800mA Single Chip Li-ion and Li-Polymer Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4067 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP4067 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LP4067-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 6 of 8
Preliminary Datasheet
LP4067
Application Information
Input Voltage Range
The LP4067 has built-in input voltage surge protection as high
as 30V. The charger IC will be automatically disabled when
the input voltage is lower than 3.3V or higher than 6.3V.
A charge cycle begins when the voltage at the VIN pin rises
above the 4.5V level, when a battery is connected to the
charger output. If the BAT pin is less than 2.6V, the charger
enters trickle charge mode. In this mode, the LP4067 supplies
approximately 1/10 the ISET programmed charge current to
bring the battery voltage up to a safe level for full current
charging. When the BAT pin voltage rises above 2.6V, the
charger enters constant-current mode(CC), where the ISET
programmed charge current is supplied to the battery. When
the BAT pin approaches the final float voltage, the LP4067
enters constant-voltage mode(CV) and the charge current
begins to decrease, and the battery full indication is set when
the charge current in the CV mode is reduced to the
programmed full battery current (1/10).
Charge Termination
A charge cycle is terminated when the charge current falls to
1/10th the ISET programmed value after the final float voltage
is reached. This condition is detected by using an internal,
filtered comparator to monitor the ISET pin. When the ISET
pin voltage falls below 100mV for longer than tTERM(typically
1ms), charging is terminated.
ISET programming Charge Current
The charge current (IBAT) is set by a resistor (RISET)
connecting from the ISET pin to GND. The relationship of the
charge current and the programming resistance is established
by the following equations(VISET=1V).
Automatic Recharge
Once the charge cycle is terminated, the LP4067 continuously
monitors the voltage on the BAT pin. A charge cycle restarts
when the battery voltage falls below 4.05V (which
corresponds to approximately 80% to 90% battery capacity).
This ensures that the battery is kept at or near a fully charged
condition and eliminates the need for periodic charge cycle
initiations.
Enable Function
The LP4067A features an enable/disable function. An input
“Low” signal at EN pin or if this pin is floating will enable the IC.
To assure the charger will switch on, the EN turn on control
level must below 0.4 volts. The charger IC will go into the
shutdown mode when the voltage on the EN pin is greater
than 1.4 volts. If the enable function is not needed in a specific
application, it may be tied to GND or floating to keep the
charge IC in a continuously on state.
Charge Status Indicator(CHRG)
After application of a 5V source, the input voltage rises above
the UVLO and sleep thresholds (VIN>VBAT+VDT), but is less
than OVP (VIN<VOVP), then the PG turns on and provides a
low impedance path to ground.
CHRG has two different states: strong pull-down (~5mA) and
high impedance. The strong pull-down state indicates that the
LP4067A is in a charge cycle. When the charger is entered
CV mode and once the charge current has reduced to the
battery full charge current threshold (ITERM), the CHRG pin will
become high impedance.
Function
CHRG
Charging
Low
Charge Finish
High



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com