Electronic Components Datasheet Search
  English  ▼

X  

LP4068 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4068
Description  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4068 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4068 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4068 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4068 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4068 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4068 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4068 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4068 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4068 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP4068-01
Jan.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP4068
Functional Pin Description
Package Type
LP4068B6F
LP4068QVF
Pin
Configurations
1
3
5
4
CHRG
ISET
TOP VIEW
2
GND
BAT
VIN
VIN
FULL
CHRG
BAT
ISET
NC
1
2
3
EN 4
8
7
6
5 GND
TOP VIEW
Pin Description
NAME
Pin
DESCRIPTION
SOT23-5
TDFN-8
CHRG
1
3
Open-Drain Charge Status Output. When the battery is charging, the
CHRG pin is pulled low by an internal NMOS. When the charge cycle
is completed, the pin could be pulled High by an external pull high
resistor.
GND
2
5
GND is the connection to system ground.
BAT
3
8
BAT is the connection to the battery. Typically a 10µF Tantalum
capacitor is needed for stability when there is no battery attached.
When a battery is attached, only a 1uF ceramic capacitor is required.
VIN
4
1
VIN is the input power source. Connect to a wall adapter.
ISET
5
7
Charge Current Program. The charge current is programmed by
connecting a 1% resistor(RISET) to ground.
FULL
2
Open-Drain Charge Status Output. When the battery is charging, the FULL
pin could be pulled High by an external pull high resistor. When the charge
cycle is completed, the pin is pulled Low by an internal N-channel MOSFET.
EN
4
Charge Enable Input (active low).
NC
6
No Connector.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com