Electronic Components Datasheet Search
  English  ▼

X  

LP6220A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6220A
Description  600mA LNB Power Supply & Control Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6220A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6220A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6220A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6220A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6220A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6220A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6220A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6220A Datasheet HTML 7Page - Lowpower Semiconductor inc LP6220A Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Preliminary Datasheet
LP6220A
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 2 of 8
LP6220A Version 0.1 FEB.-2019
Typical Application Circuit
VIN
VIN
EN
EN
L1
10uH
C1
20uF
Cin
1uF
C2
20uF
Rin
10
Ω
LP6220A
LX
CP
GND
VOUT
Surge Protection
C3
100nF
BOOST
OUT
C4
100nF
VBoost
HLS
Select
Voltage
EXTM
EXTM
C5
100nF
D1
SK24
D2
SK14
D3
1N4007
(Option)
Figure 1. Typical Application Circuit of LP6220A .
Pin Configuration
VIN
1
2
3
4
5
6
7
8
OUT
BOOST
CP
LX
EN
HLS
EXTM
EP
GND
Figure 2. Package Top View



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com