Electronic Components Datasheet Search
  English  ▼

X  

MSA370 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # MSA370
Description  SATA III 6Gb/s mSATA SSD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MSA370 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  MSA370 Datasheet HTML 1Page - Transcend Information. Inc. MSA370 Datasheet HTML 2Page - Transcend Information. Inc. MSA370 Datasheet HTML 3Page - Transcend Information. Inc. MSA370 Datasheet HTML 4Page - Transcend Information. Inc. MSA370 Datasheet HTML 5Page - Transcend Information. Inc. MSA370 Datasheet HTML 6Page - Transcend Information. Inc. MSA370 Datasheet HTML 7Page - Transcend Information. Inc. MSA370 Datasheet HTML 8Page - Transcend Information. Inc. MSA370 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MSA370 –
SATA III 6Gb/s mSATA SSD
Transcend MSA370 series are mSATA Solid State
Drives (SSDs) with high performance and quality
Flash Memory assembled on a printed circuit board.
These devices feature cutting-edge technology to
enhance product life and data retention. MSA370 is
designed specifically for various applications, such as
Ultrabooks, industrial PCs, vehicle PCs and road
surveillance recording.
- Power Supply: 3.3V±5%
- Fully compatible with devices and OS that support the
SATA III 6.0Gb/s standard
- Non-volatile Flash Memory for outstanding data
retention
- Supports Trim and NCQ command
- Compliant with JEDEC MO-300
Features
 RoHS compliant
 Advanced Global Wear-Leveling and Block
management for reliability
 Built-in ECC (Error Correction Code) functionality
 Features a DDR3 DRAM Cache
 Supports Advanced Garbage Collection
 Supports Enhanced S.M.A.R.T. function
 Power Shield to prevent data loss in the event of a
sudden power outage
 Supports partial and slumber mode
 Supports Security Command
 Supports DevSleep mode
 Supports Hardware Purge and Hardware Write Protect
(Optional)
 Supports Transcend SSD Scope Pro (Optional)
 Real time full drive encryption with Advanced
Encryption Standard (AES) (Optional)


Similar Part No. - MSA370

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MSA3 MERITEK-MSA3 Datasheet
91Kb / 2P
Surge Absorber (Spark Gap)
MSA3-M MERITEK-MSA3-M Datasheet
86Kb / 1P
Surge Absorber (Spark Gap)
logo
American Accurate Compo...
MSA34A03T1V1 AAC-MSA34A03T1V1 Datasheet
66Kb / 1P
MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
MSA34A03T2V2 AAC-MSA34A03T2V2 Datasheet
66Kb / 1P
MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
MSA34A05T1V1 AAC-MSA34A05T1V1 Datasheet
66Kb / 1P
MSA Low Capacitance MAX Guard짰 ESD Suppressor Array
More results

Similar Description - MSA370

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-SMS640 ADVANTECH-SQF-SMS640 Datasheet
696Kb / 1P
SATA III (6.0Gb) mSATA
logo
Transcend Information. ...
SSD370S TRANSCEND-SSD370S Datasheet
366Kb / 3P
SATA III 6Gb/s SSD370S
logo
Advantech Co., Ltd.
SQF-SHM630 ADVANTECH-SQF-SHM630_V01 Datasheet
663Kb / 1P
SATA III (6.0Gb) Half-Size mSATA
24-Apr-2018
SQF-SHM-630 ADVANTECH-SQF-SHM-630 Datasheet
648Kb / 1P
SATA III (6.0Gb) Half-Size mSATA
24-Apr-2018
SQF-SHM-650 ADVANTECH-SQF-SHM-650 Datasheet
443Kb / 1P
SATA III (6.0Gb) Hald-Size mSATA SSD
1-Aug-2022
SQF-SMS-630 ADVANTECH-SQF-SMS-630 Datasheet
637Kb / 1P
SATA III (6.0Gb) mSATA
27-Jun-2014
SQF-SMS-650 ADVANTECH-SQF-SMS-650 Datasheet
440Kb / 1P
SATA III (6.0Gb) mSATA SSD
1-Aug-2022
logo
Silicon Motion Technolo...
SM2246XT SILICONMOTION-SM2246XT Datasheet
843Kb / 2P
SATA 6Gb/s DRAM-less SSD Controller
SM2258XT SILICONMOTION-SM2258XT Datasheet
865Kb / 2P
SATA 6Gb/s DRAM-less SSD Controller
SM2259 SILICONMOTION-SM2259 Datasheet
1,003Kb / 2P
SATA 6Gb/s SSD Controller with NANDXtend™ Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com