Electronic Components Datasheet Search
  English  ▼

X  

LP6240 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP6240
Description  High Efficiency Boost DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6240 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP6240 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6240 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Preliminary Datasheet
LP6240
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 4 of 6
LP6240 Version 0.1 MAY-2019
Absolute Maximum Ratings
Note 1
VIN to GND --------------------------------------------------------------------------------------------------------
−0.3V to +28V
GATE, EN to GND -----------------------------------------------------------------------------------------------
−0.3V to +28V
CS, FB, COMP to GND ----------------------------------------------------------------------------------------
−0.3V to +6.5V
Operating Junction Temperature Range (TJ)
------------------------------------------------------
−40
℃ to +150℃
Operation Ambient Temperature Range
--------------------------------------------------------------
−40°C to +85°C
Storage Temperature Range
----------------------------------------------------------------------------
−65°C to +150°C
Maximum Soldering Temperature (at leads, 10sec)
----------------------------------------------- +260°C
Maximum Junction Temperature
----------------------------------------------------------------------- +150°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Thermal Resistance
SOP-8,
θ
JA
---------------------------------------------------------------------------------------------------- 112°C/W
SOP-8,
θ
JC
---------------------------------------------------------------------------------------------------- 39°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com