Electronic Components Datasheet Search
  English  ▼

X  

T-45 Datasheet(PDF) 2 Page - PANDUIT CORP.

Part # T-45
Description  Pan-Way짰 T-45 Surface Raceway System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T-45 Datasheet(HTML) 2 Page - PANDUIT CORP.

  T-45 Datasheet HTML 1Page - PANDUIT CORP. T-45 Datasheet HTML 2Page - PANDUIT CORP. T-45 Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Pan-Way® T-45 Surface Raceway System
Wire Fill
T-45
Internal Area = 2.12 Sq. In.
Raceway
Type and
Configuration
Fill
Area
(in²)
Electrical Cables
Data Grade Cables
Coax Cables
Fiber Optic
Cable
14
AWG
12
AWG
10
AWG
24 AWG
24 AWG
24 AWG
24 AWG
24 AWG
24 AWG
24 AWG
RG6
RG59/u
2 Strand
THHN/THWN/T90
Cat. 5e -
Plenum
Cat. 5e -
Riser
Cat. 6
Cat. 6A
Cat. 6A
Cat. 6A
Cat. 6A (SD)
0.111 0.130 0.164 DIA = 0.193
DIA = 0.225
DIA = 0.240
DIA = 0.289
DIA = 0.300
DIA = 0.330
DIA = 0.240
DIA = 0.275
DIA = 0.242
DIA = 0.175
FILL
FILL
FILL
FILL
FILL
FILL
FILL
FILL
FILL
FILL
FILL
MAX MAX MAX SPEC MAX SPEC MAX SPEC MAX SPEC MAX SPEC MAX SPEC MAX SPEC MAX SPEC MAX SPEC MAX SPEC MAX
(UL Temp Rise Test) (40%) (60%) (40%) (60%) (40%) (60%) (40%) (60%) (40%) (60%) (40%) (60%) (40%) (60%) (40%) (60%) (40%) (60%) (40%) (60%)
T-45: No
Devices
2.13
36
27
25
29
43
21
32
18
28
12
19
12
18
9
14
18
28
14
21
18
27
35
53
T-45: No
Devices with
wire retainer
1.72
36
27
25
23
35
17
25
15
22
10
15
9
14
8
12
15
22
11
17
14
22
28
42
T-45: Power
& data with
wire retainer &
divider wall (2
channels)
0.44
12
11
8
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
1.20
–
–
–
16
24
12
18
10
15
7
10
6
10
5
8
10
15
8
12
10
15
19
29
T-45: Power &
data with wire
retainer & two
divider walls
(3 channels)
0.44
12
11
8
6
9
4
6
3
5
2
4
2
3
2
3
3
5
2
4
3
5
7
10
0.68
–
–
–
9
13
6
10
6
9
4
6
3
5
3
4
6
9
4
6
5
8
11
16
0.44
–
–
–
6
9
4
6
3
5
2
4
2
3
2
3
3
5
2
4
3
5
7
10
T-45: Power
and data
using the
Workstation
Outlet Center™
Offset Box
0.41
12
11
8
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
1.06
–
–
–
14
21
10
15
9
14
6
9
5
8
4
7
9
14
7
10
9
13
17
26
T-45: Data only
using data
bracket
2.00
–
–
–
27
41
20
30
17
26
12
18
11
16
9
14
17
26
13
20
17
26
33
49
T-45 Power
and Data
using Hinged
Data Bracket
with Divider
Insert
0.52
12
11
8
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
1.20
–
–
–
16
24
12
18
10
15
7
10
6
10
5
8
10
15
8
12
10
15
19
29
T-45: Power
and Data
Using
Electrical
Bracket and
Box
0.22
9
7
4
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
0.50
–
–
–
6
10
5
7
4
6
3
4
2
4
2
3
4
6
3
5
4
6
8
12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com