Electronic Components Datasheet Search
  English  ▼

X  

388B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 388B
Description  Handheld Digital Multimeters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

388B Datasheet(HTML) 1 Page - B&K Precision Corporation

  388B Datasheet HTML 1Page - B&K Precision Corporation 388B Datasheet HTML 2Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High performance and value priced, the Test Bench
® Series offers more features for the dollar than other multimeters. In addition to measuring voltage and current,
the meters also measure capacitance, frequency and temperature, and include component test, diode test and logic indicator capabilities. See the chart below for
the meter that best fits your needs. A double injection molded case provides improved grip and protection for the meters.
Features and Benefits
I
Resistance measurement
I
Frequency measurement
I
Diode check
I
Audible continuity
I
All current ranges fused
I
Auto power off
I
Ruggedized case
I
CATIII 1000 V, (all models)
I
CATIV 600 V, (392 & 393)
Handheld Digital Multimeters
Test Bench® Series
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2017
High Quality, Ruggedized, Multifunctional
Features
392 & 393
391A
390A
389A
388B
True RMS
√
√
-
-
-
Ranging
Auto/Manual
Manual
Auto/Manual
Auto/Manual
Manual
DCV Accuracy
0.08%
0.05%
0.1%
0.25%
0.5%
AC/DC Voltage and Current
√
√
√
√
√
Display Digits, Count
60000, 4 5/6
20000, 4 1/2
4000, 3 3/4
4000, 3 3/4
4000, 3 3/4
Bar Graph
√
-
√
√
-
Capacitance Measurement
√
-
√
√
√
Transistor Test
-
-
-
-
√
Temperature Probe
√
-
√
-
-
Logic Probe
-
√
-
-
√
Relative Mode
√
-
√
√
-
Min/Max Hold
√
-
√
√
-
Peak Hold
√
-
√
√
-
Data Hold
√
√
√
√
-
USB
393 only
-
√
-
-
Specifications
392 & 393
391A
390A
389A
388B
Volts
True RMS reading
True RMS reading
-
-
-
DC Ranges
600 mV, 6 V, 60V, 600 V, 1000 V
200 mV, 2 V, 20 V, 200 V, 1,000 V
400 mv, 4 V, 40 V, 400 V, 1000 V
AC Ranges
600 mV, 6 V, 60V, 600 V, 750 V
200 mV, 2 V, 20 V, 200 V, 750 V
400 mv, 4 V, 40 V, 400 V, 750 V
Resolution
0.01 mV, 0.1 mV, 1 mV, 10 mV, 100 mV
10 µV, 100 mV, 1 mV 10 mV, 100 mV
100 µV, 1 mV, 10 mV, 100 mV, 1 V
Basic DC Accuracy
±(0.08% rdg + 5 dgt)
±(0.05% + 3 dgt)
±(0.1% rdg + 2 dgt)
±(0.25% rdg + 2 dgt)
±(0.5% rdg + 1 dgt)
Basic AC Accuracy
±(1.5% rdg + 20 dgt) 500 Hz -1 kHz
±(2% + 10 dgt) 500 Hz - 2 kHz
±(1.5% rdg +5 dgt) 500 Hz - 1 kHz
±(1.5% rdg +3 dgt) 500 Hz - 1 kHz
Overload Protection
1000 VDC or 750 VAC rms
1200 VDC or AC rms
500 VDC/AC rms 15 sec
on 200 mV range
1100 VDC or AC rms
1000 VDC or peak AC
1200 VDC or AC rms
500 VDC/AC rms 15 sec
on 200 mV range
Input Impedance
10 M
Ω, 11 MΩ on 6 V range
10 M
Ω
400 mV: >100 M
Ω, 4V: 10 MΩ
40 V - 1000 V: 9.1 M
Ω
10 M
Ω


Similar Part No. - 388B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
388B ETC2-388B Datasheet
1Mb / 2P
Resistance measurement
More results

Similar Description - 388B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
U1271A ETC2-U1271A Datasheet
3Mb / 22P
U1270 Series Handheld Digital Multimeters
logo
Keysight Technologies
U1241C KEYSIGHT-U1241C Datasheet
3Mb / 15P
U1240 Series Handheld Digital Multimeters
U1242C KEYSIGHT-U1242C Datasheet
3Mb / 15P
U1240 Series Handheld Digital Multimeters
U1272A KEYSIGHT-U1272A Datasheet
4Mb / 22P
U1270 Series Handheld Digital Multimeters
U1273A KEYSIGHT-U1273A Datasheet
4Mb / 22P
U1270 Series Handheld Digital Multimeters
U1281A KEYSIGHT-U1281A Datasheet
4Mb / 18P
U1280 Series Handheld Digital Multimeters
U1282A KEYSIGHT-U1282A Datasheet
4Mb / 18P
U1280 Series Handheld Digital Multimeters
U1271A KEYSIGHT-U1271A Datasheet
4Mb / 22P
U1270 Series Handheld Digital Multimeters
U1273AX KEYSIGHT-U1273AX Datasheet
4Mb / 22P
U1270 Series Handheld Digital Multimeters
U1240 KEYSIGHT-U1240 Datasheet
1Mb / 9P
Handheld Digital Multimeters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com