Electronic Components Datasheet Search
  English  ▼

X  

1685B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 1685B
Description  Switching DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

1685B Datasheet(HTML) 1 Page - B&K Precision Corporation

  1685B Datasheet HTML 1Page - B&K Precision Corporation 1685B Datasheet HTML 2Page - B&K Precision Corporation 1685B Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B&K Precision models 1685B, 1687B, and
1688B are laboratory grade switching mode
DC power supplies with high current output in
a small, lightweight form factor. These power
supplies provide various configurations of output
voltage and current, and feature rotary encoder
control knobs, which make setting voltage and
current levels fast and precise. Its dual action
push button allows the user to easily set both
coarse and fine, voltage and current levels.
In addition to its constant voltage (CV) and
constant current (CC) modes, these high efficien-
cy DC power supplies offer preset and remote
Features and Benefits
I
Automatic CV/CC crossover operation
I
Lightweight and compact
I
Rotary encoder control for precise voltage and
current setting
I
Save up to 3 user-defined voltage and current
presets for quick recall
I
PC software for remote control and external
timed programming
I
Analog remote control function
I
USB interface
I
Front panel auxiliary output
I
Overvoltage, overtemperature, and overload
protection
Switching DC Power Supplies
Models 1685B, 1687B & 1688B
Data Sheet
w w w.bk prec ision.c om
Technical data subject to change
© B&K Precision Corp. 2012
control modes. Save up to three different presets
of voltage and current values for quick recall. For
remote control, an analog remote control
terminal is accessible on the rear, or use the USB
interface to communicate with the power supply
via PC software or remote commands.
These features make the 1685B Series suitable
for a wide range of applications including
production testing, telecommunications, R&D,
electronic field service, and university labs.
Outputs / Model
1685B
1687B
1688B
Variable Output Voltage
1 - 60 V
1 - 36 V
1 - 18 V
Variable Output Current
0 - 5 A
0 - 10 A
0 - 20 A


Similar Part No. - 1685B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1685B ETC2-1685B Datasheet
222Kb / 3P
Automatic CV/CC crossover operation
More results

Similar Description - 1685B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
logo
B&K Precision Corporati...
1900B BK-1900B Datasheet
1Mb / 3P
Switching DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com