Electronic Components Datasheet Search
  English  ▼

X  

1900B Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 1900B
Description  Switching DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

1900B Datasheet(HTML) 1 Page - B&K Precision Corporation

  1900B Datasheet HTML 1Page - B&K Precision Corporation 1900B Datasheet HTML 2Page - B&K Precision Corporation 1900B Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data Sheet
Switching DC Power Supplies
1900B Series
Technical data subject to change
© B&K Precision Corp. 2016
www.bkprecision.com
Model
1900B
1901B
1902B
Variable Output Voltage
1 - 16 V
1 - 32 V
1 - 60 V
Variable Output Current
0 - 60 A
0 - 30 A
0 - 15 A
Full-Featured DC Power Supplies to
Meet Your High Power Needs
B&K Precision models 1900B, 1901B, and 1902B
are laboratory grade switching DC power
supplies with high current output in a small,
lightweight form factor. The 1900B Series provide
various configurations of high output voltage or
high output current and feature rotary encoder
control knobs, which make setting voltage and
current fast and precise. Its dual action push
button allows the user to set both coarse and
fine, voltage and current levels.
In addition to constant voltage (CV) and
constant current (CC) modes, these high
efficiency DC power supplies offer preset and
remote control modes. Save up to three different
presets of voltage and current values for quick
recall. The analog remote control function allows
the output power, voltage, and current to be
adjusted without touching the front panel of the
power supply. A remote sensing terminal (model
1900B only) is also available to compensate for
voltage drop across load leads.
These features make the 1900B, 1901B, and
1902B suitable for a wide range of applications
requiring high current including production
testing, telecommunications, R&D, service, and
university labs.
Features and Benefits
n
Automatic CV (constant voltage)/CC
(constant current) crossover operation
n
Up to 60 A output current
n
Lightweight and compact
n
Rotary encoder control for precise voltage and
current setting
n
Save up to 3 user-defined voltage and current
presets for quick recall
n
Analog remote control function
n
USB interface
n
Remote sensing terminal (model 1900B only)
n
Overvoltage, overtemperature, and
overload protection
n
Flexible operating modes: Front panel
(normal), Preset, or Remote Control
n
Front panel 5 amp auxiliary output


Similar Part No. - 1900B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1900B ETC2-1900B Datasheet
1Mb / 3P
Automatic CV (constant voltage)/CC (constant current) crossover operation
More results

Similar Description - 1900B

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
PSPDF-150 WALL-PSPDF-150 Datasheet
391Kb / 5P
AC/DC Switching Power Supplies
PSPDF-320 WALL-PSPDF-320 Datasheet
380Kb / 5P
AC/DC Switching Power Supplies
logo
B&K Precision Corporati...
1685B BK-1685B Datasheet
219Kb / 3P
Switching DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com