Electronic Components Datasheet Search
  English  ▼

X  

2704C Datasheet(PDF) 2 Page - B&K Precision Corporation

Part # 2704C
Description  Auto Ranging True RMS Tool Kit DMM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

2704C Datasheet(HTML) 2 Page - B&K Precision Corporation

  2704C Datasheet HTML 1Page - B&K Precision Corporation 2704C Datasheet HTML 2Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page 2 of 2
w w w.bk prec ision.c om
Data Sheet
Ranging
Auto/Manual
Auto/Manual
Auto/Manual
Manual
Manual
Auto/Manual
Manual
Manual
True RMS
AC + DC
√√
√
-
--
-
Current
10 A AC/DC
10 A AC/DC
10 A AC/DC
10 A AC/DC
200 mA AC/DC
10 A AC/DC
10 A AC/DC
10 A DC
Capacitance
to 40 uF
to 66 mF
-
to 20 uF
to 20 mF
-
to 20 uF
-
Transistor Test
--
-
√
--
√
-
Frequency Counter
to 500 kHz
to 66 MHz
-
to 20 MHz
to 40 kHz
-
to 20 MHz
-
Temperature
--
-
-
√
--
-
Logic Probe
--
-
√
--
√
-
Backlight LCD
√√
--
√
--
-
Analog Bar Graph
√
-
√
--
--
-
Battery Test
--
-
-
-
-
-
√
Auto Power off
√√
√
-
√√
--
Features
2712
2709B
2708B
2707B
2706B
2705B
2704C
2703C
models
Single-handed operation
É
The ergonomic design allows both left and right handed users to rotate the
knob while holding the meter in one hand. While one hand keeps the probe
on the circuit, the other hand changes the meter’s function. This speeds up
troubleshooting because you don’t have to locate the probe point in the
circuit again.
Large easy-to-read LCD
with green LED backlight
Bac k Light / Easy-t o-Read LC D
Magnet ic Hanging Strap
This convenient feature allows you to
hang your DMM on any magnetic
metallic surface freeing up your
hands for troubleshooting.
Ultra-bright blue LCD
back light for low ambient
light measurements
B&K Precision’s 2700 Tool Kit® Series
Models 2703C, 2704C, 2705B, 2706B, 2707B, 2708B, 2709B & 2712
These excellent meters are for most jobs that require flexibility, accuracy and
speed. Value-packed features make these meters a must for everyone’s “Tool
Kit®”.
Common Features:
I
DC Voltage to 1000V
I
AC Voltage to 750V
I
DC Current to 10A
I
Continuity test
I
Diode test
I
Drop resistant case
I
Magnetic hanging strap
Model 2706B
Models 2709B & 2712
v041113



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com