Electronic Components Datasheet Search
  English  ▼

X  

9111 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 9111
Description  Multi-Range 60 V DC Power Supplies
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9111 Datasheet(HTML) 1 Page - B&K Precision Corporation

  9111 Datasheet HTML 1Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-Range 60 V DC Power Supplies
Models 9110 & 9111
Data Sheet
www.bkprecision.com
Technical data subject to change
© B&K Precision Corp. 2014
v090214
Models 9110 and 9111 are a new type of power supply. Unlike conventional
power supplies with fixed output ratings, they automatically recalculate
voltage and current limits for each setting, providing any Volt/Amp
combination within the rated power. By providing greatly expanded choices
of maximum power Volt/Amp combinations, users can cut down on the
number of power supplies required and free up valuable bench space.
Features & Benefits
I
Output rating up to 180 W within 60 V/ 8 A (model 9111) or 100 W
within 60 V/ 5 A (model 9110)
I
Digitally controlled, multi-ranging output
I
10 mV/1 mA resolution over the full range
I
Bright, easy-to-read display
I
Very compact and lightweight
I
Low ripple and noise
I
OCP, OVP, and OTP protection
I
Output On/Off control
I
Store and Recall 4 x 100 groups of preset Volt/Amp values
I
Temperature controlled, variable speed fan cooling
The multi-ranging feature offers exceptional flexibility by providing any
combination of the rated voltage and current up to the maximum output
power of the supply. For example, when setting the voltage on the 180 W
model 9111 to a maximum of 60 V, the power supply can generate a
maximum current of 180 W/60 V = 3 A. For a 22.5 V setting, the maximum
current can be increased to 8 A. All Volt/Amp combinations that lie on the
hyperbolic curve between these settings are also possible up to 180 W.
12
3
4
5
6
7
8
60
40
20
100%
Power
V
I
Specifications
9110
9111
Output Ratings
Voltage
0-60 V
Current
0-5 A
0-8 A
Max. Power
100 W
180 W
Load Regulation
Voltage
≤ 0.01% + 3 mV
≤ 0.01% + 5 mV
Current
≤ 0.01% + 3 mA
≤ 0.01% + 5 mA
Line Regulation
Voltage
≤ 0.01% + 3 mV
≤ 0.01% + 5 mV
Current
≤ 0.1% + 3 mA
≤ 0.1% + 5 mA
Setting Accuracy
Voltage
≤ 0.05% + 10 mV
Current
≤ 0.2% + 2 mA
≤ 0.3% + 5 mA
Display Accuracy
Voltage
≤ 0.05% + 10 mV
Current
≤ 0.2% + 2 mA
≤ 0.3% + 5 mA
Ripple
Voltage
≤ 2 mVrms
≤ 5 mVrms
Current
≤ 5 mArms
≤ 8 mArms
General
State Storage Memory
100 groups with 4 sets of Volt/Amp memories each
AC Input
99 V – 121 V or 198 V – 242 V, 47 – 63 Hz
Weight
5.9 lbs (2.65 kg)
7.7 lbs (3.5 kg)
Dimensions (W x H x D)
3.47" x 6.9" x 11.11" (88 x 175 x 282 mm)
One-Year Warranty
Included Accessories
Power cord, manual
9110
9111
Multi-range operating area
0


Similar Part No. - 9111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9111 ETC1-9111 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9111 ETC2-9111 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Heyco.
9111 HEYCO-9111 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Time Electronics Ltd.
9111 TIME-ELECTRONICS-9111 Datasheet
60Kb / 2P
1045 Combined Voltage & Current Calpot
V1a 01/01/07
logo
TE Connectivity Ltd
91112-3 TEC-91112-3 Datasheet
214Kb / 8P
Pneumatic Auto- Cycle
More results

Similar Description - 9111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1737 ETC2-1737 Datasheet
222Kb / 3P
Dual Range DC Power Supplies
9170 ETC2-9170 Datasheet
286Kb / 6P
Programmable Dual-Range DC Power Supplies
logo
B&K Precision Corporati...
9115 BK-9115 Datasheet
742Kb / 5P
Multi-Range Programmable DC Power Supplies
1737 BK-1737 Datasheet
2Mb / 3P
Dual Range DC Power Supplies
MR25080 BK-MR25080 Datasheet
2Mb / 7P
High Voltage Multi-Range DC Power Supplies
9103 BK-9103 Datasheet
1Mb / 3P
Multi-Range DC Power Supplies
9170 BK-9170 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
9200 BK-9200 Datasheet
2Mb / 4P
Multi-Range Programmable DC Power Supplies
9140 BK-9140 Datasheet
2Mb / 7P
Triple Output Multi-Range DC Power Supplies
9200B BK-9200B Datasheet
1Mb / 6P
Multi-Range Programmable DC Power Supplies
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com