Electronic Components Datasheet Search
  English  ▼

X  

9801 Datasheet(PDF) 5 Page - B&K Precision Corporation

Part # 9801
Description  Programmable AC Power Sources
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

9801 Datasheet(HTML) 5 Page - B&K Precision Corporation

  9801 Datasheet HTML 1Page - B&K Precision Corporation 9801 Datasheet HTML 2Page - B&K Precision Corporation 9801 Datasheet HTML 3Page - B&K Precision Corporation 9801 Datasheet HTML 4Page - B&K Precision Corporation 9801 Datasheet HTML 5Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Programmable AC Power Sources
9800 Series
5
www.bkprecision.com
v102319
Specifications
Model
9801
9803
9805
AC Input
Phase
Single
Voltage
110 / 220 VAC ± 10%
Frequency
47 to 63 Hz
Max. Current
8 A max.
15 A max.
30 A max.
Power Factor
0.5 (typical)
0.7 (typical)
0.7 (typical)
AC Output
Max. Power
300 VA
750 VA
1500 VA
Max. Current
(rms)
0 to 150 V
3.0 A
6 A
12 A
0 to 300 V
1.5 A
3 A
6 A
Max. Current
(peak)
0 to 150 V
9 A
18 A
36 A
0 to 300 V
4.5 A
9 A
18 A
Crest Factor
3
Phase
Single
Total Harmonic Distortion
(THD)
≤0.5% at 45 to 500 Hz (Resistive load)
Line Regulation
0.1% max for a ±10% line change
Load Regulation
≤0.5% FS (Resistive load)
Response Time
<100 µs
Programming
Voltage (rms)
Range
0 to 300 V, 150 V / 300 V (Auto)
Resolution
0.1 V
Accuracy
±(0.2% + 0.6 V)
Frequency
Range
45 to 500 Hz
Resolution
0.1 Hz at 45 to 99.9 Hz
1 Hz at 100 to 500 Hz
Accuracy
±0.1 Hz (100 Hz)
±1 Hz (100 to 500 Hz)
Phase Angle
Range
0 to 360°
Resolution
0.1°
Accuracy
±1° (45 to 65 Hz)
Measurements
Voltage
(rms)
Range
0 to 300 V
Resolution
0.1 V
Accuracy
±(0.2% + 0.6 V)
Current
(rms)
Range*
Low: 120.0 mA /
Mid: 1.200 A /
High: 3.00 A
Low: 120.0 mA /
Mid: 1.200 A /
High: 6.00 A
Low: 120.0 mA /
Mid: 1.200 A /
High: 12.00 A
Resolution
Low: 0.1 mA / Mid:1 mA / High: 10 mA
Accuracy
Low: ±(0.2% + 0.4 mA) / Mid: ±(0.2% + 4 mA) /
High: ±(0.2% + 20 mA)
Current
(peak)
Range
0 to 9 A
0 to 18 A
0 to 36 A
Resolution
0.01 A
Accuracy
±(1% + 120 mA)
True
Power
(watts)
Resolution
Low: 0.01 W / Mid:0.1 W / High: 1 W
Accuracy
(47 to 65 Hz)
Low: ±(0.2% + 0.05 W) / Mid: ±(0.2% + 0.5 W) /
High: ±(0.2% + 2 W)
Frequency
Range
45 to 500 Hz
Resolution
±0.1 Hz (45 to 99.9 Hz), ±1 Hz (100 to 500 Hz)
Accuracy
±0.1 Hz
Power
Factor
Range
0.000 to 1.000
Resolution
0.001
Apparent
Power
(VA)
Resolution
Low: 0.01 VA / Mid:0.1 VA / High: 1 VA
Accuracy
Voltage (rms) x Current (rms)
Temperature Coefficient
(typical)
±0.04% per ºC
General
Memory
10 Locations
External BNC I/O
Trigger input, sync output, output status,
output indicator / control
Interface
LAN, USB, RS232
LAN, USB, RS232, & GPIB
Operating Temperature
32 °F to 104 °F (0 °C to 40 °C) 20 - 80% R.H.
Storage Temperature
-4 °F to 158 °F (-20 °C to 70 °C) ≤ 85% R.H.
Environmental conditions
For indoor use only, max humidity 80%, no condensation
Dimensions
(W x H x D)
8.45” x 3.47” x
17.83” (214.5 x
88.2 x 453.5 mm)
17.3” x 5.2” x 21.1”
(439 x 131.4 x 535.7 mm)
Weight
20.94 lb (9.5 kg)
88.2 lb (40 kg)
115 lb (52.16 kg)
Warranty
2 Years
Standard Accessories
AC Power cord (9801 only), unterminated power cord
with input connector (9803 & 9805 only), rackmount ears
& handles (9803 & 9805 only), instruction manual,
test report & certificate of calibration
Optional Accessories
IT-E151 rack mount kit (9801 only)
Note: All specifications apply to the unit after a temperature stabilization time of 15 minutes
over an ambient temperature range of 23 °C ± 5 °C.
* The current range switches from low to mid range or mid to high range when
Ipeak > 300% of the present range.
When Ipeak is <80 % of the high range, the current range switches from high to mid range.
When Ipeak is <20 % of the mid range, the current range switches from mid to low range.
9803 & 9805 Standard Accessories
Unterminated power cord
Rackmount ears with handles



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com