Electronic Components Datasheet Search
  English  ▼

X  

8520 Datasheet(PDF) 3 Page - B&K Precision Corporation

Part # 8520
Description  DC Electronic Loads
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

8520 Datasheet(HTML) 3 Page - B&K Precision Corporation

  8520 Datasheet HTML 1Page - B&K Precision Corporation 8520 Datasheet HTML 2Page - B&K Precision Corporation 8520 Datasheet HTML 3Page - B&K Precision Corporation 8520 Datasheet HTML 4Page - B&K Precision Corporation 8520 Datasheet HTML 5Page - B&K Precision Corporation 8520 Datasheet HTML 6Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.bkprecision.com
DC Electronic Loads
8500 Series
3
Rear panel
L
2
1) Air vents
Temperature-controlled fan expels air through
these vents to keep the temperature constant
inside the system.
2) Trigger and remote sensing terminal
block
Connect sensing lines to this terminal to
compensate for voltage drops due to load wire
resistance. This terminal block also contains the
two connections for the remote TTL trigger input
signal.
1
Front panel
L
1
2
3
4
5
The numeric keys and rotary knob provide a
convenient interface for setting the operating
mode and desired current/voltage/resistance
levels quickly and precisely. Voltage and current
can be set to a maximum resolution of 1 mV and
0.1 mA respectively (models 8500 and 8502
only). Up to 25 different instrument setups can
be stored and recalled from internal memory.
1) High resolution, easy to read display
Displays set values and measured values.
Current/voltage and power/resistance displays
can be toggled. Display resolution for current
and voltage is user-selectable. Maximum
resolution for model 8500 and 8502 is 1 mV/
0.1 mA.
2) Convenient data entr y
Rotary knob for quick analog-style control. Turn
to adjust a setting value. Press to toggle
measurement display mode.
3) Numeric keypad
Conveniently enter set values directly and access
secondary functions.
4) Function keys
Activate current, voltage, power, or resistance
modes and scroll through menus and options.
5) Front panel load terminals
Connect to device under test. Hex-head screw
Hex-head screw terminals
3) Interface connection
Serial interface connector for USB
communication.
4) Voltage switch
Line voltage selection switch (110 VAC or 220
VAC).
Terminals are used for models 8518 and
8520 – 8526 to connect wires.
3
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com