Electronic Components Datasheet Search
  English  ▼

X  

TLP290SE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP290SE
Description  Programmable Controllers AC/DC-Input Module Hybrid ICs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP290SE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP290SE Datasheet HTML 1Page - Toshiba Semiconductor TLP290SE Datasheet HTML 2Page - Toshiba Semiconductor TLP290SE Datasheet HTML 3Page - Toshiba Semiconductor TLP290SE Datasheet HTML 4Page - Toshiba Semiconductor TLP290SE Datasheet HTML 5Page - Toshiba Semiconductor TLP290SE Datasheet HTML 6Page - Toshiba Semiconductor TLP290SE Datasheet HTML 7Page - Toshiba Semiconductor TLP290SE Datasheet HTML 8Page - Toshiba Semiconductor TLP290SE Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TLP290(SE
2
2019-05-20
© 2019
Toshiba Electronic Devices & Storage Corporation
Current Transfer Ratio (Unless otherwise specified, Ta = 25°C)
Note1: Specify both the part number and a rank in this format when ordering
(e.g.) rank GB: TLP290(GB,SE
For safety standard certification, however, specify the part number alone.
(e.g.) TLP290(GB,SE: TLP290
Absolute Maximum Ratings (Note) (Unless otherwise specified, Ta = 25°C)
Characteristic
Symbol
Note
Rating
Unit
R.M.S. forward current
IF
(RMS)
±50
mA
Input forward current derating
(Ta
≥ 90°C)
ΔIF /ΔTa
-1.5
mA /°C
Input
forward current (pulsed)
IFP
(Note 2)
±1
A
Input power dissipation
PD
100
mW
Input power dissipation derating
(Ta
≥ 90°C)
ΔPD/ΔTa
-
3.0
mW/°C
Junction temperature
Tj
125
°C
Collector-emitter voltage
VCEO
80
V
Emitter-collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Collector power dissipation derating (Ta
≥ 25°C)
ΔPC /ΔTa
-1.5
mW /°C
Junction temperature
Tj
125
°C
Operating temperature range
Topr
-55 to 110
°C
Storage temperature range
Tstg
-55 to 125
°C
Lead soldering temperature
Tsol
260 (10 s
)
°C
Total package power dissipation
PT
200
mW
Total package power dissipation derating (Ta
≥ 25°C)
ΔPT /ΔTa
-2.0
mW /°C
Isolation voltage
BVS
(Note3)
3750
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. opera
ting temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”
) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note2:
Pulse width
≤ 100 μs, frequency 100 Hz
Note
3: AC, 60 s., R.H.≤ 60 %, Device considered a two terminal device: LED side pins shorted together and
detector side pins shorted together.
TYPE
Classification
(Note1)
Current Transfer Ration
(%)
(IC / IF
)
Marking of Classification
IF = 5
mA, VCE = 5 V, Ta = 25°C
Min
Max
TLP290
Blank
50
600
Blank, YE, GR, BL, GB
Rank Y
50
150
YE
Rank GR
100
300
GR
Rank GB
100
600
GB
Rank BL
200
600
BL



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com